Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1237000000 Datasheet(PDF) 3 Page - Weidmuller

Part # 1237000000
Description  SCZ 3.81/04/180GZE SN OR BX
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1237000000 Datasheet(HTML) 3 Page - Weidmuller

  1237000000 Datasheet HTML 1Page - Weidmuller 1237000000 Datasheet HTML 2Page - Weidmuller 1237000000 Datasheet HTML 3Page - Weidmuller 1237000000 Datasheet HTML 4Page - Weidmuller 1237000000 Datasheet HTML 5Page - Weidmuller 1237000000 Datasheet HTML 6Page - Weidmuller 1237000000 Datasheet HTML 7Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Data sheet
SCZ 3.81/04/180GZE SN OR BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
Comparative Tracking Index (CTI)
≥ 550
Moisture Level (MSL)
UL 94 flammability rating
V-0
Contact material
Copper alloy
Contact surface
tinned
Layer structure of plug contact
4...8 µm Sn
Storage temperature, min.
-40 °C
Storage temperature, max.
70 °C
Operating temperature, min.
-50 °C
Operating temperature, max.
120 °C
Temperature range, installation, min.
-25 °C
Temperature range, installation, max.
120 °C
 
Conductors suitable for connection
 
Clamping range, min.
0.08 mm²
Clamping range, max.
1.5 mm²
Wire connection cross section AWG,
min.
AWG 28
Wire connection cross section AWG,
max.
AWG 16
Solid, min. H05(07) V-U
0.2 mm²
Solid, max. H05(07) V-U
1.5 mm²
Flexible, min. H05(07) V-K
0.2 mm²
Flexible, max. H05(07) V-K
1.5 mm²
w. plastic collar ferrule, DIN 46228 pt 4,
min.
0.2 mm²
w. plastic collar ferrule, DIN 46228 pt 4,
max.
1.5 mm²
w. wire end ferrule, DIN 46228 pt 1,
min.
0.2 mm²
w. wire end ferrule, DIN 46228 pt 1,
max.
1.5 mm²
Plug gauge in accordance with EN
60999 a x b; ø
2.4 mm x 1.5 mm ; 2.4 mm
Clampable conductor
Cross-section for conductor connection
Type
fine-wired
nominal
0.5 mm²
wire end ferrule
Stripping length
nominal 6 mm
Recommended wire-
end ferrule
H0,5/6
Cross-section for conductor connection
Type
fine-wired
nominal
0.75 mm²
wire end ferrule
Stripping length
nominal 6 mm
Recommended wire-
end ferrule
H0,75/6
Cross-section for conductor connection
Type
fine-wired
nominal
1 mm²
wire end ferrule
Stripping length
nominal 6 mm
Recommended wire-
end ferrule
H1,0/6
Cross-section for conductor connection
Type
fine-wired
nominal
1.5 mm²
wire end ferrule
Stripping length
nominal 7 mm
Recommended wire-
end ferrule
H1,5/7
Reference text
The outside diameter of the plastic collar should not be larger than the pitch (P), Length of ferrules
is to be chosen depending on the product and the rated voltage.
 
Rated data acc. to IEC
 
tested acc. to standard
IEC 60664-1, IEC 61984
Rated current, min. number of poles
(Tu=20°C)
17.5 A
Rated current, max. number of poles
(Tu=20°C)
17.1 A
Rated current, min. number of poles
(Tu=40°C)
17.5 A
 
Creation date 27.02.2026 10:52:02 MEZ
 
Catalogue status / Drawings
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com