Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR4103-2/F13 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # IR4103-2/F13
Description  1.5mm Side Looking Infrared LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IR4103-2/F13 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  IR4103-2/F13 Datasheet HTML 1Page - Everlight Electronics Co., Ltd IR4103-2/F13 Datasheet HTML 2Page - Everlight Electronics Co., Ltd IR4103-2/F13 Datasheet HTML 3Page - Everlight Electronics Co., Ltd IR4103-2/F13 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IR4103-2/F13 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IR4103-2/F13 Datasheet HTML 6Page - Everlight Electronics Co., Ltd IR4103-2/F13 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 4 of 7
Device No:DIR-410-159
Prepared date:07-20-2005
Prepared by:Jaine Tsai
0
-40
-20
40
20
060
100
80
20
40
60
100
80
120
140
0
20
40
60
80
100
IF=20mA
Ta=25°C
75
-25
0
25
50
100
900
920
940
960
980
0
10
10
1
10
2
3
10
4
12
3
4
IR4103-2/F13
Typical Electro-Optical Characteristics Curves
Fig.1 Forward Current vs.
Fig.2 Spectral Distribution
Ambient Temperature
Fig.3
Peak Emission Wavelength
Fig.4
Forward Current
Ambient Temperature
vs. Forward Voltage



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com