Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR4103-2/F13 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # IR4103-2/F13
Description  1.5mm Side Looking Infrared LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IR4103-2/F13 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  IR4103-2/F13 Datasheet HTML 1Page - Everlight Electronics Co., Ltd IR4103-2/F13 Datasheet HTML 2Page - Everlight Electronics Co., Ltd IR4103-2/F13 Datasheet HTML 3Page - Everlight Electronics Co., Ltd IR4103-2/F13 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IR4103-2/F13 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IR4103-2/F13 Datasheet HTML 6Page - Everlight Electronics Co., Ltd IR4103-2/F13 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 1 of 7
Device No:DIR-410-159
Prepared date:07-20-2005
Prepared by:Jaine Tsai
Technical Data Sheet
1.5mm Side Looking Infrared LED
IR4103-2/F13
Features
․High reliability
․2.54mm lead spacing
․Low forward voltage
․Good spectral matching
to Si photodetector
․Pb free
․The product itself will remain within RoHS compliant version.
Descriptions
EVERLIGHT’s infrared emitting
diode (IR4103-2/F13) is a high
intensity diode, molded in a blue
transparent plastic package.
The device is spectrally matched
with phototransistor, photodiode and
infrared receiver module.
Applications
․Free air transmission system
․Optoelectronic switch
․Floppy disk drive
․Infrared applied system
Device Selection Guide
Chip
LED Part No.
Material
Lens Color
IR
GaAlAs
Blue


Similar Part No. - IR4103-2/F13

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
IR413 NJSEMI-IR413 Datasheet
474Kb / 2P
High -voltage NPN silicon transistors designed for medium-to-high- voltage inverters
More results

Similar Description - IR4103-2/F13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT928-6C ETC1-PT928-6C Datasheet
126Kb / 6P
1.5mm Side Looking Phototransistor
logo
Everlight Electronics C...
PT908-7B-F EVERLIGHT-PT908-7B-F Datasheet
158Kb / 7P
1.5mm Side Looking Phototransistor
2007/6/15
PT908-7C-F EVERLIGHT-PT908-7C-F Datasheet
146Kb / 7P
1.5mm Side Looking Phototransistor
PT928-6B-F EVERLIGHT-PT928-6B-F Datasheet
142Kb / 7P
1.5mm Side Looking Phototransistor
PT928-6C-F EVERLIGHT-PT928-6C-F Datasheet
147Kb / 7P
1.5mm Side Looking Phototransistor
PT908-7B-F EVERLIGHT-PT908-7B-F Datasheet
164Kb / 7P
1.5mm Side Looking Phototransistor
PT908-7C-F EVERLIGHT-PT908-7C-F Datasheet
152Kb / 7P
1.5mm Side Looking Phototransistor
PT928-6B-F EVERLIGHT-PT928-6B-F Datasheet
148Kb / 7P
1.5mm Side Looking Phototransistor
PT928-6C-F EVERLIGHT-PT928-6C-F Datasheet
152Kb / 7P
1.5mm Side Looking Phototransistor
EAPLP04RRAA1 EVERLIGHT-EAPLP04RRAA1 Datasheet
460Kb / 7P
1.5mm Side Looking Phototransistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com