Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS50R12KT3 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # FS50R12KT3
Description  IGBT Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

FS50R12KT3 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  FS50R12KT3 Datasheet HTML 1Page - Inchange Semiconductor Company Limited FS50R12KT3 Datasheet HTML 2Page - Inchange Semiconductor Company Limited FS50R12KT3 Datasheet HTML 3Page - Inchange Semiconductor Company Limited FS50R12KT3 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ISGM2223
eq FS50R12KT3
IGBT Modules
www.iscsemi.com
2
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case, Per IGBT
0.45
℃
/kW
STATIC CHARACTERISTICS(TJ = 25 °C unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
VCES
Collector-Emitter Breakdown
Voltage
VGE=0V, IC= 1.0mA
1200
--
--
V
VGE(th)
Gate-Emitter Threshold Voltage
VGE= VCE, IC= 100mA
5.0
--
6.5
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 50A, VGE= 15V
--
--
2.15
V
ICES
Zero Gate Voltage Collector Current
VCE= 1200V, VGE= 0V
--
--
5.0
mA
IGES
Gate-Emitter Leakage Current
VGE=±20V, VCE= 0V
--
--
±
400
nA
MAXIMUM RATED VALUES OF DIODE(TC=25℃ UNLESS OTHERWISE SPECIFIED)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Diode Repetitive Peak Reverse Voltage
1200
V
IF
Diode Continuous Forward Current
50
A
IFM
Diode Maximum Forward Current
100
A
I2t
I2t Value, VR=0V, tp=10ms, TVJ=125℃
700
A2S
ELECTRICAL CHARACTERISTICS OF DIODE(TC=25℃ UNLESS OTHERWISE SPECIFIED)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
VF
Diode Forward Voltage
IF= 50A, VGE = 0V
--
--
2.15
V
IRM
Peak Reverse Recovery Current
IF= 50A, VR= 600V,
VGE = -15V
--
60
--
A
Rth j-c
Thermal Resistance,Junction to Case, Per Diode
--
--
0.75
℃
/kW



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com