Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS50R12KT3 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # FS50R12KT3
Description  IGBT Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

FS50R12KT3 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  FS50R12KT3 Datasheet HTML 1Page - Inchange Semiconductor Company Limited FS50R12KT3 Datasheet HTML 2Page - Inchange Semiconductor Company Limited FS50R12KT3 Datasheet HTML 3Page - Inchange Semiconductor Company Limited FS50R12KT3 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ISGM2223
eq FS50R12KT3
IGBT Modules
www.iscsemi.com
1
DESCRIPTION
· Low Vce(sat)
· High Current Density
· High DC Stability
· Low Switching Losses
APPLICATIONS
· Motor Drives
· Servo Drives
· UPS Systems
ABSOLUTE MAXIMUM RATINGS(TC=25℃ UNLESS OTHERWISE SPECIFIED)
SYMBOL
PARAMETER
VALUE
UNIT
VCES
Collector-Emitter Voltage
1200
V
VGES
Gate-Emitter Voltage
±
20
V
IC
Collector Current-Continuous, TC=80℃
50
A
ICM
Pulsed Collector Current, tp=1ms
100
A
PD
Total Power Dissipation @TC=25℃
280
W
Tj
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature Range
-40~150
℃
TJOP
Operating Junction Temperature Range
-40~150
℃
VISOL
Isolation Voltage (f= 50Hz, t=1min)
2.5
kV


Similar Part No. - FS50R12KT3

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS50R12KT3 EUPEC-FS50R12KT3 Datasheet
316Kb / 8P
echnische Information / technical information
FS50R12KT3 EUPEC-FS50R12KT3 Datasheet
314Kb / 8P
EconoPACK2 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
logo
Infineon Technologies A...
FS50R12KT3 INFINEON-FS50R12KT3 Datasheet
464Kb / 8P
EconoPACK2 Modul mit schnellem Trench
2013-10-03 revision:2.1
FS50R12KT3BPSA1 INFINEON-FS50R12KT3BPSA1 Datasheet
464Kb / 8P
EconoPACK2 Modul mit schnellem Trench
2013-10-03 revision:2.1
logo
eupec GmbH
FS50R12KT3 EUPEC-FS50R12KT3_04 Datasheet
314Kb / 8P
EconoPACK2 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
More results

Similar Description - FS50R12KT3

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS25R12YT3 EUPEC-FS25R12YT3 Datasheet
320Kb / 8P
IGBT-modules
BSM100GB120DLCK EUPEC-BSM100GB120DLCK Datasheet
87Kb / 8P
IGBT-Modules
logo
Semikron International
SKM400GA123D SEMIKRON-SKM400GA123D_06 Datasheet
551Kb / 6P
IGBT Modules
SKIM220GD176D SEMIKRON-SKIM220GD176D Datasheet
1Mb / 4P
IGBT Modules
SKIM450GD126D SEMIKRON-SKIM450GD126D Datasheet
913Kb / 4P
IGBT Modules
SKIM300GD126D SEMIKRON-SKIM300GD126D Datasheet
1Mb / 4P
IGBT Modules
SKM50GB123D SEMIKRON-SKM50GB123D_06 Datasheet
769Kb / 5P
IGBT Modules
logo
eupec GmbH
FZ800R17KF6CB2 EUPEC-FZ800R17KF6CB2 Datasheet
118Kb / 9P
IGBT-Modules
FS15R06XL4 EUPEC-FS15R06XL4 Datasheet
209Kb / 9P
IGBT-Modules
logo
Infineon Technologies A...
F430R06W1E3 INFINEON-F430R06W1E3 Datasheet
793Kb / 9P
IGBT-modules
2013-03-04 revision:3.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com