Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC549 Datasheet(PDF) 30 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC549 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 26Page - Texas Instruments TMS320VC549 Datasheet HTML 27Page - Texas Instruments TMS320VC549 Datasheet HTML 28Page - Texas Instruments TMS320VC549 Datasheet HTML 29Page - Texas Instruments TMS320VC549 Datasheet HTML 30Page - Texas Instruments TMS320VC549 Datasheet HTML 31Page - Texas Instruments TMS320VC549 Datasheet HTML 32Page - Texas Instruments TMS320VC549 Datasheet HTML 33Page - Texas Instruments TMS320VC549 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
TMS320VC549
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS078G − SEPTEMBER 1998 − REVISED OCTOBER 2004
30
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
I/O timing variation with load capacitance: SPICE simulation results (continued)
Table 3. Timing Variation With Load Capacitance: [3.3 V] 10% − 90% [3 V] 10% − 90%
WEAK
NOMINAL
STRONG
RISE
FALL
RISE
FALL
RISE
FALL
0 pF
0.404 ns
0.361 ns
0.371 ns
0.310 ns
0.321 ns
0.284 ns
10 pF
1.227 ns
1.081 ns
1.133 ns
1.001 ns
1.000 ns
0.892 ns
20 pF
2.070 ns
1.822 ns
1.915 ns
1.675 ns
1.704 ns
1.530 ns
30 pF
2.931 ns
2.567 ns
2.719 ns
2.367 ns
2.414 ns
2.169 ns
40 pF
3.777 ns
3.322 ns
3.515 ns
3.072 ns
3.120 ns
2.823 ns
50 pF
4.646 ns
4.091 ns
4.319 ns
3.779 ns
3.842 ns
3.466 ns
60 pF
5.487 ns
4.859 ns
5.145 ns
4.503 ns
4.571 ns
4.142 ns
70 pF
6.405 ns
5.608 ns
5.980 ns
5.234 ns
5.301 ns
4.767 ns
80 pF
7.284 ns
6.463 ns
6.723 ns
5.873 ns
5.941 ns
5.446 ns
90 pF
8.159 ns
7.097 ns
7.560 ns
6.692 ns
6.740 ns
6.146 ns
100 pF
8.994 ns
7.935 ns
8.300 ns
7.307 ns
7.431 ns
6.822 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com