Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC549 Datasheet(PDF) 36 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC549 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 32Page - Texas Instruments TMS320VC549 Datasheet HTML 33Page - Texas Instruments TMS320VC549 Datasheet HTML 34Page - Texas Instruments TMS320VC549 Datasheet HTML 35Page - Texas Instruments TMS320VC549 Datasheet HTML 36Page - Texas Instruments TMS320VC549 Datasheet HTML 37Page - Texas Instruments TMS320VC549 Datasheet HTML 38Page - Texas Instruments TMS320VC549 Datasheet HTML 39Page - Texas Instruments TMS320VC549 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
TMS320VC549
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS078G − SEPTEMBER 1998 − REVISED OCTOBER 2004
36
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
HOLD and HOLDA timing
switching characteristics over recommended operating conditions for memory control signals
and HOLDA [H = 0.5 tc(CO)] (see Figure 14)
PARAMETER
549-80
549-100
549-120
UNIT
MIN
MAX
tdis(CLKL-A)
Disable time, CLKOUT low to address, PS, DS, IS high impedance
5
ns
tdis(CLKL-RW)
Disable time, CLKOUT low to R/W high impedance
5
ns
tdis(CLKL-S)
Disable time, CLKOUT low to MSTRB, IOSTRB high
impedance
5
ns
ten(CLKL-A)
Enable time, CLKOUT low to address, PS, DS, IS
2H+5
ns
ten(CLKL-RW)
Enable time, CLKOUT low to R/W enabled
2H+5
ns
ten(CLKL-S)
Enable time, CLKOUT low to MSTRB, IOSTRB enabled
2
2H+5
ns
tv(HOLDA)
Valid time, HOLDA low after CLKOUT low
0
5
ns
tv(HOLDA)
Valid time, HOLDA high after CLKOUT low
0
5
ns
tw(HOLDA)
Pulse duration, HOLDA low duration
2H−3
ns
timing requirements for HOLD [H = 0.5 tc(CO)] (see Figure 14)
549-80
549-100
549-120
UNIT
MIN
MAX
tw(HOLD)
Pulse duration, HOLD low duration
4H+10
ns
tsu(HOLD)
Setup time, HOLD before CLKOUT low
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com