Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M36W432 Datasheet(PDF) 21 Page - STMicroelectronics

Part # M36W432
Description  32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36W432 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M36W432 Datasheet HTML 17Page - STMicroelectronics M36W432 Datasheet HTML 18Page - STMicroelectronics M36W432 Datasheet HTML 19Page - STMicroelectronics M36W432 Datasheet HTML 20Page - STMicroelectronics M36W432 Datasheet HTML 21Page - STMicroelectronics M36W432 Datasheet HTML 22Page - STMicroelectronics M36W432 Datasheet HTML 23Page - STMicroelectronics M36W432 Datasheet HTML 24Page - STMicroelectronics M36W432 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
21/66
M36W432TG, M36W432BG
Figure 10. Flash Block Addresses
Note: Also see Appendix A, Tables 26 and 27 for a full listing of the Flash Block Addresses.
Figure 11. Protection Register Memory Map
Note: 1. Bit 2 of the Protection Register Lock must not be programmed to 0.
AI90164
4 KWords
1FFFFF
1FF000
32 KWords
00FFFF
008000
32 KWords
007FFF
000000
Top Boot Block Addresses
4 KWords
1F8FFF
1F8000
32 KWords
1F0000
1F7FFF
Total of 8
4 KWord Blocks
Total of 63
32 KWord Blocks
4 KWords
1FFFFF
1F8000
32 KWords
32 KWords
000FFF
000000
Bottom Boot Block Addresses
4 KWords
1F7FFF
00FFFF
32 KWords
1F0000
008000
Total of 63
32 KWord Blocks
Total of 8
4 KWord Blocks
007FFF
007000
AI07927
User Programmable OTP
Unique device number
Protection Register Lock
2(1)
10
8Ch
85h
84h
81h
80h
PROTECTION REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com