Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M36W432 Datasheet(PDF) 39 Page - STMicroelectronics

Part # M36W432
Description  32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36W432 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M36W432 Datasheet HTML 35Page - STMicroelectronics M36W432 Datasheet HTML 36Page - STMicroelectronics M36W432 Datasheet HTML 37Page - STMicroelectronics M36W432 Datasheet HTML 38Page - STMicroelectronics M36W432 Datasheet HTML 39Page - STMicroelectronics M36W432 Datasheet HTML 40Page - STMicroelectronics M36W432 Datasheet HTML 41Page - STMicroelectronics M36W432 Datasheet HTML 42Page - STMicroelectronics M36W432 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
39/66
M36W432TG, M36W432BG
SRAM DEVICE
This section describes how to use the SRAM de-
vice and all signals refer to it
SRAM SUMMARY DESCRIPTION
The SRAM is a 4Mbit asynchronous random ac-
cess memory which features a super low voltage
operation and low current consumption with an ac-
cess time of 70 ns under all conditions. The mem-
ory operations can be performed using a single
low voltage supply, 2.7V to 3.3V, which is the
same as the Flash voltage supply.
Figure 16. SRAM Logic Diagram
DATA IN DRIVERS
256Kb x 16
RAM Array
2048 x 2048
COLUMN DECODER
A0-A10
WS
UBS
LBS
A11-A17
POWER-DOWN
CIRCUIT
DQ0-DQ7
DQ8-DQ15
GS
UBS
LBS
AI07939
E1S
E2S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com