Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST84YMH Datasheet(PDF) 26 Page - STMicroelectronics

Part # M41ST84YMH
Description  5.0 or 3.0V, 512 bit 64 x 8 SERIAL RTC with SUPERVISORY FUNCTIONS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST84YMH Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M41ST84YMH Datasheet HTML 22Page - STMicroelectronics M41ST84YMH Datasheet HTML 23Page - STMicroelectronics M41ST84YMH Datasheet HTML 24Page - STMicroelectronics M41ST84YMH Datasheet HTML 25Page - STMicroelectronics M41ST84YMH Datasheet HTML 26Page - STMicroelectronics M41ST84YMH Datasheet HTML 27Page - STMicroelectronics M41ST84YMH Datasheet HTML 28Page - STMicroelectronics M41ST84YMH Datasheet HTML 29Page - STMicroelectronics M41ST84YMH Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
M41ST84Y, M41ST84W
26/31
Figure 23. SOH28 – 28-lead Plastic Small Outline, Battery SNAPHAT, Package Outline
Note: Drawing is not to scale.
Table 16. SOH28 – 28-lead Plastic Small Outline, battery SNAPHAT, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
3.05
0.120
A1
0.05
0.36
0.002
0.014
A2
2.34
2.69
0.092
0.106
B
0.36
0.51
0.014
0.020
C
0.15
0.32
0.006
0.012
D
17.71
18.49
0.697
0.728
E
8.23
8.89
0.324
0.350
e
1.27
–
–
0.050
–
–
eB
3.20
3.61
0.126
0.142
H
11.51
12.70
0.453
0.500
L
0.41
1.27
0.016
0.050
α
0°
8°
0°
8°
N
28
28
CP
0.10
0.004
SOH-A
E
N
D
C
L
A1
α
1
H
A
CP
Be
A2
eB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com