Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST84YMH Datasheet(PDF) 27 Page - STMicroelectronics

Part # M41ST84YMH
Description  5.0 or 3.0V, 512 bit 64 x 8 SERIAL RTC with SUPERVISORY FUNCTIONS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST84YMH Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M41ST84YMH Datasheet HTML 23Page - STMicroelectronics M41ST84YMH Datasheet HTML 24Page - STMicroelectronics M41ST84YMH Datasheet HTML 25Page - STMicroelectronics M41ST84YMH Datasheet HTML 26Page - STMicroelectronics M41ST84YMH Datasheet HTML 27Page - STMicroelectronics M41ST84YMH Datasheet HTML 28Page - STMicroelectronics M41ST84YMH Datasheet HTML 29Page - STMicroelectronics M41ST84YMH Datasheet HTML 30Page - STMicroelectronics M41ST84YMH Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
27/31
M41ST84Y, M41ST84W
Figure 24. SH – 4-pin SNAPHAT Housing for 48mAh Battery & Crystal, Package Outline
Note: Drawing is not to scale.
Table 17. SH – 4-pin SNAPHAT Housing for 48mAh Battery & Crystal, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
9.78
0.3850
A1
6.73
7.24
0.2650
0.2850
A2
6.48
6.99
0.2551
0.2752
A3
0.38
0.0150
B
0.46
0.56
0.0181
0.0220
D
21.21
21.84
0.8350
0.8598
E
14.22
14.99
0.5598
0.5902
eA
15.55
15.95
0.6122
0.6280
eB
3.20
3.61
0.1260
0.1421
L
2.03
2.29
0.0799
0.0902
SHTK-A
A1
A
D
E
eA
eB
A2
B
L
A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com