Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T94 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M41T94
Description  512 Bit 64 bit x8 SERIAL RTC SPI SRAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T94 Datasheet(HTML) 1 Page - STMicroelectronics

  M41T94 Datasheet HTML 1Page - STMicroelectronics M41T94 Datasheet HTML 2Page - STMicroelectronics M41T94 Datasheet HTML 3Page - STMicroelectronics M41T94 Datasheet HTML 4Page - STMicroelectronics M41T94 Datasheet HTML 5Page - STMicroelectronics M41T94 Datasheet HTML 6Page - STMicroelectronics M41T94 Datasheet HTML 7Page - STMicroelectronics M41T94 Datasheet HTML 8Page - STMicroelectronics M41T94 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1/31
June 2003
Rev. 2.0
M41T94
512 Bit (64 bit x8) SERIAL RTC (SPI) SRAM
FEATURES SUMMARY
s
2.7 TO 5.5V OPERATING VOLTAGE
s
SERIAL PERIPHERAL INTERFACE (SPI)
s
2.5 TO 5.5V OSCILLATOR OPERATING
VOLTAGE
s
AUTOMATIC SWITCH-OVER and DESELECT
CIRCUITRY
s
CHOICE OF POWER-FAIL DESELECT
VOLTAGES (VCC = 2.7 to 5.5V):
–THS = VSS; 2.55V ≤ VPFD ≤ 2.70V
–THS = VCC; 4.20V ≤ VPFD ≤ 4.50V
s
COUNTERS FOR TENTHS/HUNDREDTHS
OF SECONDS, SECONDS, MINUTES,
HOURS, DAY, DATE, MONTH, YEAR, and
CENTURY
s
44 BYTES OF GENERAL PURPOSE RAM
s
PROGRAMMABLE ALARM and INTERRUPT
FUNCTION (VALID EVEN DURING BATTERY
BACK-UP MODE)
s
WATCHDOG TIMER
s
MICROPROCESSOR POWER-ON RESET
s
BATTERY LOW FLAG
s
LOW OPERATING CURRENT OF 2.0mA
s
ULTRA-LOW BATTERY SUPPLY CURRENT
OF 500nA (MAX)
s
PACKAGING INCLUDES A 28-LEAD SOIC and
SNAPHAT® TOP (to be ordered separately) or
16-LEAD SOIC
s
28-LEAD SOIC PACKAGE PROVIDES
DIRECT CONNECTION FOR A SNAPHAT
TOP WHICH CONTAINS THE BATTERY and
CRYSTAL
Figure 1. 16-pin SOIC Package
Figure 2. 28-pin SOIC Package
16
1
SO16 (MQ)
28
1
SOH28 (MH)
SNAPHAT (SH)
Battery & Crystal


Similar Part No. - M41T94

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T94 STMICROELECTRONICS-M41T94 Datasheet
328Kb / 40P
Serial Real Time Clock with 44Bytes NVRAM and Reset
29-Aug-2006
M41T94 STMICROELECTRONICS-M41T94 Datasheet
346Kb / 41P
Serial real-time clock with 44 bytes NVRAM and reset
09-Nov-2007
M41T94 STMICROELECTRONICS-M41T94 Datasheet
358Kb / 41P
Serial real-time clock with 44 bytes NVRAM and reset
13-Jan-2009
M41T94MH6 STMICROELECTRONICS-M41T94MH6 Datasheet
328Kb / 40P
Serial Real Time Clock with 44Bytes NVRAM and Reset
29-Aug-2006
M41T94MH6E STMICROELECTRONICS-M41T94MH6E Datasheet
328Kb / 40P
Serial Real Time Clock with 44Bytes NVRAM and Reset
29-Aug-2006
More results

Similar Description - M41T94

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41ST84Y STMICROELECTRONICS-M41ST84Y Datasheet
452Kb / 31P
5.0 or 3.0V, 512 bit 64 x 8 SERIAL RTC with SUPERVISORY FUNCTIONS
Rev. 4.0
M41ST85Y STMICROELECTRONICS-M41ST85Y Datasheet
530Kb / 34P
5.0 OR 3.0V, 512 bit 64 x 8 SERIAL RTC and NVRAM SUPERVISOR
Sep-2004
M41T256Y STMICROELECTRONICS-M41T256Y Datasheet
522Kb / 27P
256 Kbit 32K x8 SERIAL RTC
Jun-2004
M41T56 STMICROELECTRONICS-M41T56 Datasheet
254Kb / 28P
512 bit 64b x8 Serial Access TIMEKEEPER SRAM
09-Oct-2006
MK41T56 STMICROELECTRONICS-MK41T56 Datasheet
102Kb / 15P
512 bit 64b x8 Serial Access TIMEKEEPER SRAM
Mar-1999
M41ST95W STMICROELECTRONICS-M41ST95W Datasheet
545Kb / 35P
5.0 or 3.0V, 512 bit (64 bit X 8) Serial RTC (SPI) SRAM and NVRAM Supervisor
Sep-2004
logo
Cypress Semiconductor
CY14B512Q1 CYPRESS-CY14B512Q1 Datasheet
1Mb / 27P
512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1_12 Datasheet
1Mb / 27P
512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1_13 Datasheet
1Mb / 27P
512-Kbit (64 K x 8) Serial (SPI) nvSRAM
logo
Microchip Technology
23A640 MICROCHIP-23A640_V01 Datasheet
611Kb / 28P
64-Kbit SPI Bus Low-Power Serial SRAM
Revision F 07/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com