Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ12VAL-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # MMBZ12VAL-HF
Description  SMD ESD Protection Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMBZ12VAL-HF Datasheet(HTML) 1 Page - Comchip Technology

  MMBZ12VAL-HF Datasheet HTML 1Page - Comchip Technology MMBZ12VAL-HF Datasheet HTML 2Page - Comchip Technology MMBZ12VAL-HF Datasheet HTML 3Page - Comchip Technology MMBZ12VAL-HF Datasheet HTML 4Page - Comchip Technology MMBZ12VAL-HF Datasheet HTML 5Page - Comchip Technology MMBZ12VAL-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SMD ESD Protection Diode
RoHS Device
- High temperature soldering guaranteed: 260°C/10s.
- Flammability rating: UL 94V-0.
- Case: SOT-23 package.
Mechanical data
Halogen Free
Comchip Technology CO., LTD.
Circuit Diagram
1
2
3
Features
REV:A
Page 1
QW-JP188
MMBZ5V1AL-HF Thru. MMBZ33VAL-HF
- Working peak reverse voltage 2V to 26V.
- Standard zener breakdown voltage 5.1V to 33V.
- ESD Rating:
Class 3B (>16kV) per the human body model (HBM)
Class C (>400V) per the machine model (MM)
- ESD Rating of IEC 61000-4-2 level 4.
- Low leakage < 5 µA.
Operating temperature range
Storage temperature range
ESD per IEC 61000-4-2 (air)
ESD per IEC 61000-4-2 (contact)
ESD
TJ
TSTG
±15
±8
-55 to +150
°C
kV
Maximum Rating (at Ta=25°C unless otherwise noted)
Parameter
Unit
Value
Symbol
Peak power dissipation
PPP
See next table
W
-55 to +150
°C
Total power dissipation
PD
200
mW
Dimensions in inches and (millimeter)
SOT-23
3
1
2
0.055(1.40)
0.047(1.20)
0.118(3.00)
0.110(2.80)
0.079(2.00)
0.071(1.80)
0.041(1.05)
0.035(0.90)
0.004(0.10)
0.000(0.00)
0.020(0.50)
0.012(0.30)
0.006(0.15)
0.003(0.08)
0.100(2.55)
0.089(2.25)
0.020(0.50)
0.012(0.30)
Peak pulse current
IPP
See next table
A


Similar Part No. - MMBZ12VAL-HF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
MMBZ12VAL-Q NEXPERIA-MMBZ12VAL-Q Datasheet
214Kb / 11P
Low capacitance unidirectional double ESD protection diode
13 June 2022
More results

Similar Description - MMBZ12VAL-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDFR COMCHIP-CPDFR Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com