Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ12VAL-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # MMBZ12VAL-HF
Description  SMD ESD Protection Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMBZ12VAL-HF Datasheet(HTML) 2 Page - Comchip Technology

  MMBZ12VAL-HF Datasheet HTML 1Page - Comchip Technology MMBZ12VAL-HF Datasheet HTML 2Page - Comchip Technology MMBZ12VAL-HF Datasheet HTML 3Page - Comchip Technology MMBZ12VAL-HF Datasheet HTML 4Page - Comchip Technology MMBZ12VAL-HF Datasheet HTML 5Page - Comchip Technology MMBZ12VAL-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics (at Ta=25°C unless otherwise noted)
SMD ESD Protection Diode
MMBZ5V6AL-HF
MMBZ6V2AL-HF
MMBZ6V8AL-HF
MMBZ9V1AL-HF
MMBZ5V1AL-HF
VRWM
(V)
IPP (A)
Max. VF
@IF=10mA
Max. clamping
voltage
2
3
3
4.5
6
4.8
5.32
5.89
6.46
8.65
5
20
1
1
1
0.9
0.9
0.9
0.9
0.9
13
8
8.7
9.6
14
2
3
2.76
2.5
1.7
26
24
24
24
24
Part No.
Comchip Technology CO., LTD.
REV:A
Page 2
Unidirectional (circuit tied to Pin 1 and 3 or Pins 2 to 3)
(µA)
(V)
5
5
0.5
0.5
0.3
IT(mA)
Min
Nom
Max
5.1
5.6
6.2
6.8
9.1
5.4
5.88
6.51
7.14
9.56
VC (V)
IR
Typ.
capacitance
@VR=0V,1MHz
CJ (pF)
(W)
PPP
Breakdown voltage
VBR (V)
MMBZ15VAL-HF
MMBZ18VAL-HF
MMBZ20VAL-HF
MMBZ27VAL-HF
MMBZ12VAL-HF
VRWM
(V)
IPP (A)
Max. VF
@IF=10mA
Max. clamping
voltage
(Note 1)
8.5
12
14.5
16
22
11.4
14.25
17.10
19
25.65
1
1
1
1
1
0.9
0.9
0.9
0.9
0.9
17
21
25
38
40
2.35
1.9
1.6
1
1
40
40
40
38
40
Part No.
Unidirectional (circuit tied to Pin 1 and 3 or Pins 2 to 3)
(nA)
(V)
200
50
50
50
50
IT(mA)
Min
Nom
Max
12
15
18
20
27
12.6
15.75
18.90
21
28.35
VC (V)
IR
Typ.
capacitance
@VR=0V,1MHz
CJ (pF)
(W)
PPP
Breakdown voltage
VBR (V)
MMBZ33VAL-HF
26
31.35
1
0.9
46
0.87
40
50
33
34.65
Notes: 1. Surge current waveform per Fig.5 .
99
85
28
36
16
17
76
117
64
24
13
QW-JP188



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com