Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W320DB70N1F Datasheet(PDF) 38 Page - STMicroelectronics

Part # M29W320DB70N1F
Description  32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W320DB70N1F Datasheet(HTML) 38 Page - STMicroelectronics

Back Button M29W320DB70N1F Datasheet HTML 34Page - STMicroelectronics M29W320DB70N1F Datasheet HTML 35Page - STMicroelectronics M29W320DB70N1F Datasheet HTML 36Page - STMicroelectronics M29W320DB70N1F Datasheet HTML 37Page - STMicroelectronics M29W320DB70N1F Datasheet HTML 38Page - STMicroelectronics M29W320DB70N1F Datasheet HTML 39Page - STMicroelectronics M29W320DB70N1F Datasheet HTML 40Page - STMicroelectronics M29W320DB70N1F Datasheet HTML 41Page - STMicroelectronics M29W320DB70N1F Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
Package mechanical
M29W320DT, M29W320DB
38/56
Figure 15.
TFBGA48 6x8mm - 6x8 Ball Array, 0.8mm Pitch, Bottom View Package Outline
1.
Drawing not to scale.
E1
E
D1
D
eb
A2
A1
A
BGA-Z32
ddd
FD
FE
SD
SE
e
BALL "A1"
Table 17.
TFBGA48 6x8mm - 6x8 Ball Array, 0.8mm Pitch, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
1.200
0.0472
A1
0.260
0.0102
A2
0.900
0.0354
b
0.350
0.450
0.0138
0.0177
D
6.000
5.900
6.100
0.2362
0.2323
0.2402
D1
4.000
–
–
0.1575
–
–
ddd
0.100
0.0039
E
8.000
7.900
8.100
0.3150
0.3110
0.3189
E1
5.600
–
–
0.2205
–
–
e
0.800
–
–
0.0315
–
–
FD
1.000
–
–
0.0394
–
–
FE
1.200
–
–
0.0472
–
–
SD
0.400
–
–
0.0157
–
–
SE
0.400
–
–
0.0157
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com