Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W320DB70N1F Datasheet(PDF) 39 Page - STMicroelectronics

Part # M29W320DB70N1F
Description  32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W320DB70N1F Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M29W320DB70N1F Datasheet HTML 35Page - STMicroelectronics M29W320DB70N1F Datasheet HTML 36Page - STMicroelectronics M29W320DB70N1F Datasheet HTML 37Page - STMicroelectronics M29W320DB70N1F Datasheet HTML 38Page - STMicroelectronics M29W320DB70N1F Datasheet HTML 39Page - STMicroelectronics M29W320DB70N1F Datasheet HTML 40Page - STMicroelectronics M29W320DB70N1F Datasheet HTML 41Page - STMicroelectronics M29W320DB70N1F Datasheet HTML 42Page - STMicroelectronics M29W320DB70N1F Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
M29W320DT, M29W320DB
Part numbering
39/56
9
Part numbering
Devices are shipped from the factory with the memory content bits erased to ’1’.
For a list of available options (Speed, Package, etc...) or for further information on any
aspect of this device, please contact the ST Sales Office nearest to you.
Table 18.
Ordering Information Scheme
Example:
M29W320DB
90
N
1
T
Device Type
M29
Operating Voltage
W = VCC = 2.7 to 3.6V
Device Function
320D = 32 Mbit (x8/x16), Non-Uniform Parameter Blocks,
Boot Block
Array Matrix
T = Top Boot
B = Bottom Boot
Speed
70 = 70 ns
90 = 90 ns
Package
N = TSOP48: 12 x 20 mm
ZE = TFBGA48: 6 x 8mm, 0.8mm pitch
Temperature Range
1 = 0 to 70 °C
6 = –40 to 85 °C
Option
Blank = Standard Packing
T = Tape & Reel Packing
E = ECOPACK Package, Standard Packing
F = ECOPACK Package, Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com