Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T128YPM Datasheet(PDF) 7 Page - STMicroelectronics

Part # M48T128YPM
Description  3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T128YPM Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M48T128YPM Datasheet HTML 3Page - STMicroelectronics M48T128YPM Datasheet HTML 4Page - STMicroelectronics M48T128YPM Datasheet HTML 5Page - STMicroelectronics M48T128YPM Datasheet HTML 6Page - STMicroelectronics M48T128YPM Datasheet HTML 7Page - STMicroelectronics M48T128YPM Datasheet HTML 8Page - STMicroelectronics M48T128YPM Datasheet HTML 9Page - STMicroelectronics M48T128YPM Datasheet HTML 10Page - STMicroelectronics M48T128YPM Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7/22
M48T128Y, M48T128V*
READ Mode
The M48T128Y/V is in the READ Mode whenever
W (WRITE Enable) is high and E (Chip Enable) is
low. The unique address specified by the 17 Ad-
dress Inputs defines which one of the 131,072
bytes of data is to be accessed.
Valid data will be available at the Data I/O pins
within tAVQV (Address Access Time) after the last
address input signal is stable, providing the E and
G access times are also satisfied. If the E and G
access times are not met, valid data will be avail-
able after the latter of the Chip Enable Access
Times (tELQV) or Output Enable Access Time
(tGLQV). The state of the eight three-state Data I/O
signals is controlled by E and G. If the outputs are
activated before tAVQV, the data lines will be driven
to an indeterminate state until tAVQV. If the Ad-
dress Inputs are changed while E and G remain
active, output data will remain valid for tAXQX (Out-
put Data Hold Time) but will go indeterminate until
the next Address Access.
Figure 5. READ Mode AC Waveforms
Note: WE = High.
Table 3. READ Mode AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C; VCC = 4.5 to 5.5V or 3.0 to 3.6V (except where noted).
2. CL = 5pF.
Symbol
Parameter(1)
M48T128Y
M48T128V
Unit
–70
–85
Min
Max
Min
Max
tAVAV
READ Cycle Time
70
85
ns
tAVQV
Address Valid to Output Valid
70
85
ns
tELQV
Chip Enable Low to Output Valid
70
85
ns
tGLQV
Output Enable Low to Output Valid
40
55
ns
tELQX
(2)
Chip Enable Low to Output Transition
5
5
ns
tGLQX
(2)
Output Enable Low to Output Transition
5
5
ns
tEHQZ
(2)
Chip Enable High to Output Hi-Z
25
30
ns
tGHQZ
(2)
Output Enable High to Output Hi-Z
25
30
ns
tAXQX
Address Transition to Output Transition
10
5
ns
AI01197
tAVAV
tAVQV
tAXQX
tELQV
tELQX
tEHQZ
tGLQV
tGLQX
tGHQZ
DATA OUT
A0-A16
E
G
DQ0-DQ7
VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com