Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T128YPM Datasheet(PDF) 9 Page - STMicroelectronics

Part # M48T128YPM
Description  3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T128YPM Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M48T128YPM Datasheet HTML 5Page - STMicroelectronics M48T128YPM Datasheet HTML 6Page - STMicroelectronics M48T128YPM Datasheet HTML 7Page - STMicroelectronics M48T128YPM Datasheet HTML 8Page - STMicroelectronics M48T128YPM Datasheet HTML 9Page - STMicroelectronics M48T128YPM Datasheet HTML 10Page - STMicroelectronics M48T128YPM Datasheet HTML 11Page - STMicroelectronics M48T128YPM Datasheet HTML 12Page - STMicroelectronics M48T128YPM Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9/22
M48T128Y, M48T128V*
Table 4. WRITE Mode AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C; VCC = 4.5 to 5.5V or 3.0 to 3.6V (except where noted).
2. CL = 5pF.
3. If E goes low simultaneously with W going low, the outputs remain in the high impedance state.
Symbol
Parameter(1)
M48T128Y
M48T128V
Unit
–70
–85
Min
Max
Min
Max
tAVAV
WRITE Cycle Time
70
85
ns
tAVWL
Address Valid to WRITE Enable Low
0
0
ns
tAVEL
Address Valid to Chip Enable Low
0
0
ns
tWLWH
WRITE Enable Pulse Width
50
60
ns
tELEH
Chip Enable Low to Chip Enable 1 High
55
65
ns
tWHAX
WRITE Enable High to Address Transition
5
5
ns
tEHAX
Chip Enable High to Address Transition
10
15
ns
tDVWH
Input Valid to WRITE Enable High
30
35
ns
tDVEH
Input Valid to Chip Enable High
30
35
ns
tWHDX
WRITE Enable High to Input Transition
5
5
ns
tEHDX
Chip Enable High to Input Transition
10
15
ns
tWLQZ
(2,3)
WRITE Enable Low to Output Hi-Z
25
30
ns
tAVWH
Address Valid to WRITE Enable High
60
70
ns
tAVEH
Address Valid to Chip Enable High
60
70
ns
tWHQX
(2,3)
WRITE Enable High to Output Transition
5
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com