Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T201Y Datasheet(PDF) 11 Page - STMicroelectronics

Part # M48T201Y
Description  3.3V-5V TIMEKEEPER CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T201Y Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M48T201Y Datasheet HTML 7Page - STMicroelectronics M48T201Y Datasheet HTML 8Page - STMicroelectronics M48T201Y Datasheet HTML 9Page - STMicroelectronics M48T201Y Datasheet HTML 10Page - STMicroelectronics M48T201Y Datasheet HTML 11Page - STMicroelectronics M48T201Y Datasheet HTML 12Page - STMicroelectronics M48T201Y Datasheet HTML 13Page - STMicroelectronics M48T201Y Datasheet HTML 14Page - STMicroelectronics M48T201Y Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
11/33
M48T201Y, M48T201V
WRITE Mode
The M48T201Y/V is in the WRITE Mode whenever
W (WRITE Enable) and E (Chip Enable) are low
state after the address inputs are stable. The start
of a WRITE is referenced from the latter occurring
falling edge of W or E. A WRITE is terminated by
the earlier rising edge of W or E. The addresses
must be held valid throughout the cycle. E or W
must return high for a minimum of tEHAX from Chip
Enable or tWHAX from WRITE Enable prior to the
initiation of another READ or WRITE Cycle. Data-
in must be valid tDVWH prior to the end of WRITE
and remain valid for tWHDX afterward. G should be
kept high during WRITE Cycles to avoid bus con-
tention; although, if the output bus has been acti-
vated by a low on E and G a low on W will disable
the outputs tWLQZ after W falls.
When
the
address value
presented to the
M48T201Y/V during the WRITE is in the range of
7FFFFh-7FFF0h, one of the on-board TIME-
KEEPER® registers will be selected and data will
be written into the device. When the address value
presented to M48T201Y/V is outside the range of
TIMEKEEPER registers, an external SRAM loca-
tion is selected.
Figure 7. WRITE Cycle Timing: RTC & External RAM Control Signals
AI02336
GCON
W
DQ0-DQ7
G
ECON
DATA IN
VALID
ADDRESS
tAVAV
E
tAVEH
tAVAV
tAVAV
WRITE
WRITE
READ
DATA OUT
VALID
DATA OUT
VALID
tAVWH
tAVQV
tWLWH
tWHDX
tWHAX
tWHQX
tEPD
tEPD
tRO
tWLQZ
tDVWH
tGLQV
tEHQZ
tDVEH
DATA IN
VALID
tELEH
tEHAX
tAVEL
tEHDX
tAVWL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com