Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T201YSH Datasheet(PDF) 10 Page - STMicroelectronics

Part # M48T201YSH
Description  3.3V-5V TIMEKEEPER CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T201YSH Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M48T201YSH Datasheet HTML 6Page - STMicroelectronics M48T201YSH Datasheet HTML 7Page - STMicroelectronics M48T201YSH Datasheet HTML 8Page - STMicroelectronics M48T201YSH Datasheet HTML 9Page - STMicroelectronics M48T201YSH Datasheet HTML 10Page - STMicroelectronics M48T201YSH Datasheet HTML 11Page - STMicroelectronics M48T201YSH Datasheet HTML 12Page - STMicroelectronics M48T201YSH Datasheet HTML 13Page - STMicroelectronics M48T201YSH Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
M48T201Y, M48T201V
10/33
Table 3. READ Mode AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C; VCC = 4.5 to 5.5V or 3.0 to 3.6V (except where noted).
2. CL = 5pF.
Symbol
Parameter(1)
M48T201Y
M48T201V
Unit
–70
–85
Min
Max
Min
Max
tAVAV
READ Cycle Time
70
85
ns
tAVQV
Address Valid to Output Valid
70
85
ns
tELQV
Chip Enable Low to Output Valid
70
85
ns
tGLQV
Output Enable Low to Output Valid
25
35
ns
tELQX
(2)
Chip Enable Low to Output Transition
5
5
ns
tGLQX
(2)
Output Enable Low to Output Transition
0
0
ns
tEHQZ
(2)
Chip Enable High to Output Hi-Z
20
25
ns
tGHQZ
(2)
Output Enable High to Output Hi-Z
20
25
ns
tAXQX
Address Transition to Output Transition
5
5
ns
tAOEL
External SRAM Address to GCON Low
20
30
ns
tAOEH
SUPERVISOR SRAM Address to GCON High
20
30
ns
tEPD
E to ECON Low or High
10
15
ns
tOERL
G Low to GCON Low
15
20
ns
tRO
G High to GCON High
10
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com