Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T201YSH Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48T201YSH
Description  3.3V-5V TIMEKEEPER CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T201YSH Datasheet(HTML) 1 Page - STMicroelectronics

  M48T201YSH Datasheet HTML 1Page - STMicroelectronics M48T201YSH Datasheet HTML 2Page - STMicroelectronics M48T201YSH Datasheet HTML 3Page - STMicroelectronics M48T201YSH Datasheet HTML 4Page - STMicroelectronics M48T201YSH Datasheet HTML 5Page - STMicroelectronics M48T201YSH Datasheet HTML 6Page - STMicroelectronics M48T201YSH Datasheet HTML 7Page - STMicroelectronics M48T201YSH Datasheet HTML 8Page - STMicroelectronics M48T201YSH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1/33
September 2004
M48T201Y
M48T201V
5.0 or 3.3V TIMEKEEPER® Supervisor
FEATURES SUMMARY
■
CONVERTS LOW POWER SRAM INTO
NVRAMs
■
YEAR 2000 COMPLIANT
■
BATTERY LOW FLAG
■
INTEGRATED REAL TIME CLOCK, POWER-
FAIL CONTROL CIRCUIT, BATTERY AND
CRYSTAL
■
WATCHDOG TIMER
■
CHOICE OF WRITE PROTECT VOLTAGES
(VPFD = Power-fail Deselect Voltage):
–
M48T201Y: VCC = 4.5 to 5.5V
4.1V
≤ VPFD ≤ 4.5V
–
M48T201V: VCC = 3.0 to 3.6V
2.7V
≤ VPFD ≤ 3.0V
■
MICROPROCESSOR POWER-ON RESET
(Valid even during battery back-up mode.)
■
PROGRAMMABLE ALARM OUTPUT
ACTIVE IN THE BATTERY BACKED-UP
MODE
■
PACKAGING INCLUDES A 44-LEAD SOIC
AND SNAPHAT® TOP (to be ordered
separately)
■
SOIC PACKAGE PROVIDES DIRECT
CONNECTION FOR A SNAPHAT® TOP
WHICH CONTAINS THE BATTERY AND
CRYSTAL
Figure 1. Package
SOH44 (MH)
44-pin SOIC
SNAPHAT (SH)
Crystal/Battery
44
1


Similar Part No. - M48T201YSH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T201Y STMICROELECTRONICS-M48T201Y Datasheet
318Kb / 35P
5.0 or 3.3V TIMEKEEPER짰 supervisor
12-Sep-2007
M48T201Y STMICROELECTRONICS-M48T201Y Datasheet
317Kb / 37P
5.0 or 3.3 V TIMEKEEPER® supervisor
23-Mar-2009
M48T201Y-70MH1 STMICROELECTRONICS-M48T201Y-70MH1 Datasheet
318Kb / 35P
5.0 or 3.3V TIMEKEEPER짰 supervisor
12-Sep-2007
M48T201Y-70MH1 STMICROELECTRONICS-M48T201Y-70MH1 Datasheet
317Kb / 37P
5.0 or 3.3 V TIMEKEEPER® supervisor
23-Mar-2009
M48T201Y-70MH1E STMICROELECTRONICS-M48T201Y-70MH1E Datasheet
317Kb / 37P
5.0 or 3.3 V TIMEKEEPER® supervisor
23-Mar-2009
More results

Similar Description - M48T201YSH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T128Y STMICROELECTRONICS-M48T128Y Datasheet
340Kb / 22P
3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
07-Aug-2002
M48T129Y STMICROELECTRONICS-M48T129Y Datasheet
140Kb / 22P
3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
Apr-2000
M48T212A STMICROELECTRONICS-M48T212A Datasheet
165Kb / 20P
3.3V TIMEKEEPER CONTROLLER
01-Mar-2000
M48T212Y STMICROELECTRONICS-M48T212Y Datasheet
616Kb / 32P
5V/3.3V TIMEKEEPER CONTROLLER Supervisor
Apr-2004
M48T37Y STMICROELECTRONICS-M48T37Y Datasheet
511Kb / 29P
3.3V-5V 256 Kbit 32Kb x8 TIMEKEEPER SRAM
Rev 6.0
M48T512Y STMICROELECTRONICS-M48T512Y Datasheet
301Kb / 21P
3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
Feb-2005
M48T513Y STMICROELECTRONICS-M48T513Y Datasheet
145Kb / 23P
3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
20-Jun-2000
logo
Maxim Integrated Produc...
MAX767 MAXIM-MAX767 Datasheet
192Kb / 20P
5V-to-3.3V, Synchronous, Step-Down Power-Supply Controller
Rev 2; 8/94
logo
Dallas Semiconductor
DS1836 DALLAS-DS1836 Datasheet
169Kb / 9P
3.3V/5V MicroManager
logo
STMicroelectronics
M48T212V STMICROELECTRONICS-M48T212V_07 Datasheet
312Kb / 35P
3.3V TIMEKEEPER supervisor
05-Nov-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com