Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T212V Datasheet(PDF) 18 Page - STMicroelectronics

Part # M48T212V
Description  5V/3.3V TIMEKEEPER CONTROLLER Supervisor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T212V Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M48T212V Datasheet HTML 14Page - STMicroelectronics M48T212V Datasheet HTML 15Page - STMicroelectronics M48T212V Datasheet HTML 16Page - STMicroelectronics M48T212V Datasheet HTML 17Page - STMicroelectronics M48T212V Datasheet HTML 18Page - STMicroelectronics M48T212V Datasheet HTML 19Page - STMicroelectronics M48T212V Datasheet HTML 20Page - STMicroelectronics M48T212V Datasheet HTML 21Page - STMicroelectronics M48T212V Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
M48T212Y, M48T212V
18/32
VCC Switch Output
Vccsw output goes low when VOUT switches to
VCC turning on a customer supplied P-Channel
MOSFET (see Figure 4., page 7). The Motorola
MTD20P06HDL is recommended. This MOSFET
in turn connects VOUT to a separate supply when
the current requirement is greater than IOUT1 (see
Table 14., page 25). This output may also be used
simply to indicate the status of the internal battery
switchover comparator, which controls the source
(VCC or battery) of the VOUT output.
Power-on Reset
The M48T212Y/V continuously monitors VCC.
When VCC falls to the power fail detect trip point,
the RST pulls low (open drain) and remains low on
power-up for trec after VCC passes VPFD (max).
The RST pin is an open drain output and an appro-
priate pull-up resistor to VCC should be chosen to
control rise time.
Note: If the RST output is fed back into either of
the RSTIN inputs (for a microprocessor with a bi-
directional reset) then a 1k
Ω (max) pull-up resistor
is recommended.
Reset Inputs (RSTIN1 & RSTIN2)
The M48T212Y/V provides two independent in-
puts which can generate an output reset. The du-
ration and function of these resets is identical to a
reset generated by a power cycle. Table 9 and Fig-
ure 10 illustrate the AC reset characteristics of this
function. During the time RST is enabled (tR1HRH
& tR2HRH), the Reset Inputs are ignored.
Note: RSTIN1 and RSTIN2 are each internally
pulled up to VCC through a 100KΩ resistor.
Figure 10. (RSTIN1 & RSTIN2) Timing Waveforms
Table 9. Reset AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C or –40 to 85°C; VCC = 4.5 to 5.5V or 3.0 to 3.6V (except where noted).
2. Pulse width less than 50ns will result in no RESET (for noise immunity).
3. Pulse width less than 20ms will result in no RESET (for noise immunity).
4. CL = 5pF (see Figure 14., page 24).
Symbol
Parameter(1)
Min
Max
Unit
tR1
(2)
RSTIN1 Low to RSTIN1 High
200
ns
tR2
(3)
RSTIN2 Low to RSTIN2 High
100
ms
tR1HRH
(4)
RSTIN1 High to RST High
40
200
ms
tR2HRH
(4)
RSTIN2 High to RST High
40
200
ms
AI02642
RSTIN1
RST
RSTIN2
tR1
tR1HRH
tR2
tR2HRH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com