Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T212V Datasheet (PDF) - STMicroelectronics

M48T212V Datasheet PDF - STMicroelectronics
Part # M48T212V
Download  M48T212V Download
File Size   616.27 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5V/3.3V TIMEKEEPER CONTROLLER Supervisor

M48T212V Datasheet (PDF)

Go To PDF Page Download Datasheet
M48T212V Datasheet PDF - STMicroelectronics

Part # M48T212V
Download  M48T212V Click to download

File Size   616.27 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5V/3.3V TIMEKEEPER CONTROLLER Supervisor

M48T212V Datasheet (HTML) - STMicroelectronics


M48T212V Product details

DESCRIPTION
The M48T212Y/V are self-contained devices that include a real time clock (RTC), programmable alarms, a watchdog timer, and two external chip enable outputs which provide control of up to four (two in parallel) external low-power static RAMs.
   
FEATURES SUMMARY
■ INTEGRATED REAL TIME CLOCK,
    POWERFAIL CONTROL CIRCUIT, BATTERY AND
    CRYSTAL
■ CONVERTS LOW POWER SRAM INTO
    NVRAMs
■ YEAR 2000 COMPLIANT (4-Digit Year)
■ BATTERY LOW FLAG
■ MICROPROCESSOR POWER-ON RESET
■ PROGRAMMABLE ALARM OUTPUT
    ACTIVE IN THE BATTERY BACKED-UP
    MODE
■ WATCHDOG TIMER
■ AUTOMATIC POWER-FAIL CHIP
    DESELECT AND WRITE PROTECTION
■ CHOICE OF WRITE PROTECT VOLTAGES
    (VPFD = Power-fail Deselect Voltage):
    – M48T212Y: VCC = 4.5 to 5.5V
        4.2V ≤ VPFD ≤ 4.5V
    – M48T212V: VCC = 3.0 to 3.6V
        2.7V ≤ VPFD ≤ 3.0V
■ PACKAGING INCLUDES A 44-LEAD SOIC
    AND SNAPHAT® TOP (to be ordered
    separately)
   




Similar Part No. - M48T212V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T212V STMICROELECTRONICS-M48T212V Datasheet
312Kb / 35P
3.3V TIMEKEEPER supervisor
05-Nov-2007
M48T212V-85MH1E STMICROELECTRONICS-M48T212V-85MH1E Datasheet
312Kb / 35P
3.3V TIMEKEEPER supervisor
05-Nov-2007
M48T212V-85MH1F STMICROELECTRONICS-M48T212V-85MH1F Datasheet
312Kb / 35P
3.3V TIMEKEEPER supervisor
05-Nov-2007
M48T212V STMICROELECTRONICS-M48T212V_07 Datasheet
312Kb / 35P
3.3V TIMEKEEPER supervisor
05-Nov-2007
More results


Similar Description - M48T212V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T128Y STMICROELECTRONICS-M48T128Y Datasheet
340Kb / 22P
3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
07-Aug-2002
M48T129Y STMICROELECTRONICS-M48T129Y Datasheet
140Kb / 22P
3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
Apr-2000
M48T201Y STMICROELECTRONICS-M48T201Y Datasheet
477Kb / 33P
3.3V-5V TIMEKEEPER CONTROLLER
2004-Sep
M48T212A STMICROELECTRONICS-M48T212A Datasheet
165Kb / 20P
3.3V TIMEKEEPER CONTROLLER
01-Mar-2000
M48T37Y STMICROELECTRONICS-M48T37Y Datasheet
511Kb / 29P
3.3V-5V 256 Kbit 32Kb x8 TIMEKEEPER SRAM
Rev 6.0
M48T512Y STMICROELECTRONICS-M48T512Y Datasheet
301Kb / 21P
3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
Feb-2005
M48T513Y STMICROELECTRONICS-M48T513Y Datasheet
145Kb / 23P
3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
20-Jun-2000
STM705 STMICROELECTRONICS-STM705 Datasheet
530Kb / 27P
5V Supervisor
Mar-2005
logo
Advanced Analog Technol...
AAT1011A AAT-AAT1011A Datasheet
84Kb / 7P
3-CHANNEL PC POWER SUPPLY SUPERVISOR FOR 3.3V, 5V AND 12V
V 1.0
logo
STMicroelectronics
M48T212V STMICROELECTRONICS-M48T212V_07 Datasheet
312Kb / 35P
3.3V TIMEKEEPER supervisor
05-Nov-2007
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com