Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABAS40WS-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ABAS40WS-HF
Description  Small Signal Schottky Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ABAS40WS-HF Datasheet(HTML) 1 Page - Comchip Technology

  ABAS40WS-HF Datasheet HTML 1Page - Comchip Technology ABAS40WS-HF Datasheet HTML 2Page - Comchip Technology ABAS40WS-HF Datasheet HTML 3Page - Comchip Technology ABAS40WS-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Small Signal Schottky Diodes
RoHS Device
Halogen Free
Comchip Technology CO., LTD.
AQW-JA017
Page 1
REV:A
Mechanical data
- Case: SOD-323, molded plastic.
- Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102.
- Polarity: Cathode line denotes the cathode end.
Circuit Diagram
Features
- Low turn-on voltage.
- AEC-Q101 Qualified.
Dimensions in inches and (millimeter)
SOD-323
0.071(1.80)
0.063(1.60)
0.010(0.25)
0.016(0.40)
0.106(2.70)
0.098(2.50)
0.055(1.40)
0.047(1.20)
0.035(0.90)
0.000(0.00)
0.004(0.10)
0.016(0.40)
0.006(0.15)
0.003(0.08)
0.010(0.25)
0.031(0.80)
−
+
Maximum Rating (at Ta=25°C unless otherwise noted)
Value
Unit
V
mA
A
mW
°C
Storage temperature range
°C
Operating junction temperature range
Parameter
Repetitive peak reverse voltage
Average forward current
Power dissipation
Peak forward surge current @Square wave tp < 10ms
Thermal resistance junction to ambient air
K/W
Symbol
VRRM
IO
PD
IFSM
TSTG
TJ
RθJA
Electrical Characteristics (at Ta=25°C unless otherwise noted)
Parameter
Symbol
Conditions
Max
Unit
Typ
Forward voltage
VF
V
Reverse current
IR
μA
CJ
Reverse breakdown voltage
VBR
V
pF
Min
Reverse recovery time
trr
ns
Junction capacitance
IF = IR = 5mA, Irr =0.1 x IR, RL =100Ω
0.37
IF = 1mA
1
IF = 10mA
40
200
0.6
250
500
-55 to +150
-55 to +150
VR = 30V
IR = 10µA
VR = VF = 0V, f = 1MHz
0.5
5
40
5
ABAS40WS-HF


Similar Part No. - ABAS40WS-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ABAS40WT-04-HF COMCHIP-ABAS40WT-04-HF Datasheet
477Kb / 4P
Small Signal Schottky Diodes
REV:A
ABAS40WT-05-HF COMCHIP-ABAS40WT-05-HF Datasheet
477Kb / 4P
Small Signal Schottky Diodes
REV:A
ABAS40WT-06-HF COMCHIP-ABAS40WT-06-HF Datasheet
477Kb / 4P
Small Signal Schottky Diodes
REV:A
ABAS40WT-HF COMCHIP-ABAS40WT-HF Datasheet
477Kb / 4P
Small Signal Schottky Diodes
REV:A
ABAS40WT-XX-HF COMCHIP-ABAS40WT-XX-HF Datasheet
477Kb / 4P
Small Signal Schottky Diodes
REV:A
More results

Similar Description - ABAS40WS-HF

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
Comchip Technology
CDBH3-00340-G COMCHIP-CDBH3-00340-G Datasheet
67Kb / 2P
Small Signal Schottky Diodes
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com