Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABAS40WS-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ABAS40WS-HF
Description  Small Signal Schottky Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ABAS40WS-HF Datasheet(HTML) 2 Page - Comchip Technology

  ABAS40WS-HF Datasheet HTML 1Page - Comchip Technology ABAS40WS-HF Datasheet HTML 2Page - Comchip Technology ABAS40WS-HF Datasheet HTML 3Page - Comchip Technology ABAS40WS-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Small Signal Schottky Diodes
Typical Rating and Characteristic Curves (ABAS40WS-HF)
Comchip Technology CO., LTD.
Page 2
REV:A
Fig.2 - Capacitance Characteristics
0
30
4.5
Reverse Voltage, VR (V)
10
15
5
Fig.3 - Forward Characteristics
0
1.2
0.8
1.0
Forward Voltage, VF (V)
100
1
10
0.2
0.4
0.6
AQW-JA017
10
1000
Reverse Voltage, VR (V)
35
0.01
1
Fig.4 - Reverse Characteristics
100
40
Fig.1 - PD ― TA
0
150
0
300
Ambient Temperature, TA (°C)
50
50
75
25
125
100
100
150
200
250
4.0
3.5
3.0
1.5
2.5
2.0
25
20
TJ=25°C
f=1MHz
TJ=150°C
TJ=125°C
TJ= -40°C
TJ= 25°C
TJ= 85°C
0.1
30
10
15
5
25
20
TJ=150°C
TJ=125°C
TJ= 25°C
TJ= 85°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com