Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABAS40WT-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ABAS40WT-HF
Description  Small Signal Schottky Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ABAS40WT-HF Datasheet(HTML) 1 Page - Comchip Technology

  ABAS40WT-HF Datasheet HTML 1Page - Comchip Technology ABAS40WT-HF Datasheet HTML 2Page - Comchip Technology ABAS40WT-HF Datasheet HTML 3Page - Comchip Technology ABAS40WT-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Small Signal Schottky Diodes
RoHS Device
ABAS40WT-xx-HF Series
Halogen Free
Comchip Technology CO., LTD.
Mechanical data
- Case: SOT-323, molded plastic.
- Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102.
Features
- Epoxy meets UL-94 V-0 flammability rating.
- Ultra high speed switching.
- AEC-Q101 Qualified.
- Low forward voltage schottky rectifier.
Circuit Diagram
3
1
2
ABAS40WT-06-HF
3
1
2
ABAS40WT-05-HF
3
1
2
ABAS40WT-04-HF
3
1
2
ABAS40WT-HF
Maximum Rating (at Ta=25°C unless otherwise noted)
REV:A
Page 1
AQW-JA015
- Mounting position: Any.
Dimensions in inches and (millimeter)
SOT-323
0.087(2.20)
0.071(1.80)
0.053(1.35)
0.045(1.15)
0.055(1.40)
0.047(1.20)
1
2
3
0.010(0.25)
0.004(0.10)
0.096(2.45)
0.085(2.15)
0.004(0.10)
0.039(1.00)
0.035(0.90)
0.016(0.40)
0.006(0.15)
0.000(0.00)
0.018(0.46)
0.010(0.26)
Symbol
Value
Unit
VRRM
V
40
IO
mA
120
A
mW
PD
IFSM
250
2
°C
TSTG
-55 to +150
Storage temperature range
°C
Junction temperature range
TJ
-55 to +150
Parameter
Peak repetitive reverse voltage
Average forward current
Power dissipation
Thermal resistance junction to ambient
RθJA
500
°C/W
Non-repetitive peak forward surge current
square wave tp<10ms


Similar Part No. - ABAS40WT-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ABAS40WS-HF COMCHIP-ABAS40WS-HF Datasheet
469Kb / 4P
Small Signal Schottky Diodes
REV:A
More results

Similar Description - ABAS40WT-HF

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
Comchip Technology
CDBH3-00340-G COMCHIP-CDBH3-00340-G Datasheet
67Kb / 2P
Small Signal Schottky Diodes
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com