Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABAS40WT-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ABAS40WT-HF
Description  Small Signal Schottky Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ABAS40WT-HF Datasheet(HTML) 2 Page - Comchip Technology

  ABAS40WT-HF Datasheet HTML 1Page - Comchip Technology ABAS40WT-HF Datasheet HTML 2Page - Comchip Technology ABAS40WT-HF Datasheet HTML 3Page - Comchip Technology ABAS40WT-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (at Ta=25°C unless otherwise noted)
Small Signal Schottky Diodes
Typical Rating and Characteristic Curves (ABAS40WT-xx-HF)
Comchip Technology CO., LTD.
REV:A
Page 2
AQW-JA015
Parameter
Symbol
Conditions
Max
Unit
Min
Junction capacitance
CJ
pF
7
VR = 0V, f = 1MHz
Reverse recovery time
trr
ns
IF = IR = 10mA, Irr = 1mA, RL = 100Ω
5
Forward voltage
IF = 40mA
VF
1.0
V
Reverse current
VR = 30V
IR
μA
0.2
IF = 1mA
0.38
Reverse breakdown voltage
IR = 10μA
VBR
40
V
Typ
1.5
3.5
4.5
Fig.2 - Capacitance Characteristics
0
15
5
10
30
Reverse Voltage, VR (V)
2.5
4.0
1
10
100
1000
Fig.3 - Forward Characteristics
Forward Voltage, VF (V)
0
0.8
0.2
0.6
1.2
100
75
125
Ambient Temperature, Ta (°C)
Fig.1 - PD ― TA
25
50
100
150
200
300
150
250
50
0
0
1
10
100
Reverse Voltage, VR (V)
Fig.4 - Reverse Characteristics
30
3.0
20
25
0.4
0.1
0.01
20
40
10
2.0
TJ = 25°C
f = 1MHz
1000
1.0
TJ=150°C
TJ=125°C
TJ=85°C
TJ=25°C
TJ= -40°C
5
35
25
15
TJ=150°C
TJ=125°C
TJ=85°C
TJ=25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com