Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ITR8307 Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # ITR8307
Description  OPTO INTERRUPTER ITR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ITR8307 Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

Back Button ITR8307 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ITR8307 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ITR8307 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ITR8307 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ITR8307 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ITR8307 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ITR8307 Datasheet HTML 9Page - Everlight Electronics Co., Ltd ITR8307 Datasheet HTML 10Page - Everlight Electronics Co., Ltd ITR8307 Datasheet HTML 11Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Technical Data Sheet
OPTO INTERRUPTER ITR
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 4
Page: 8 of 11
Device No:DRX-083-025
Prepared date:2006/12/22
Prepared by: Ming-jing Lee
ITR8307
-25
0
20
40
60
80
100
0
25
75
50
100
85
AL glass
d
white Black
d
1mm
40
0
20
60
80
100
120
01
3
27
5
46
█ Typical Electrical/Optical/Characteristics Curves for ITR
Fig.1 Relative Collector Current vs. Distance .
Between Sensor and Al Evaporationt
Fig.2 Relative Collector Current vs.
Card moving Distance d(mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com