Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ITR8307 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # ITR8307
Description  OPTO INTERRUPTER ITR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ITR8307 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  ITR8307 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ITR8307 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ITR8307 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ITR8307 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ITR8307 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ITR8307 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ITR8307 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ITR8307 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ITR8307 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Technical Data Sheet
OPTO INTERRUPTER ITR
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 4
Page: 2 of 11
Device No:DRX-083-025
Prepared date:2006/12/22
Prepared by: Ming-jing Lee
ITR8307
█ Package Dimensions
Notes: 1.All dimensions are in millimeters
2.Tolerances unless dimensions ±0.25mm
█ Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
Power Dissipation at(or below) 25℃ Free
Air Temperature
Pd
75
mW
Reverse Voltage
VR
5
V
Forward Current
IF
50
mA
Input
Peak Forward Current (*1)
Pulse width ≦100μs, Duty cycle=1%
IFP
1
A
Collector Power Dissipation
PC
75
mW
Collector Current
IC
50
mA
Collector-Emitter Voltage
B VCEO
30
V
Output
Emitter-Collector Voltage
B VECO
5
V
Operating Temperature
Topr
-25~+85
℃
Storage Temperature
Tstg
-30~+90
℃
Lead Soldering Temperature (*2)
Tsol
260
℃
(*1)
tw=100 μsec. ,
T=10 msec.
(*2)
t=5 Sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com