Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMNH6009SPS Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMNH6009SPS
Description  60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI5060-8
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMNH6009SPS Datasheet(HTML) 4 Page - Diodes Incorporated

  DMNH6009SPS Datasheet HTML 1Page - Diodes Incorporated DMNH6009SPS Datasheet HTML 2Page - Diodes Incorporated DMNH6009SPS Datasheet HTML 3Page - Diodes Incorporated DMNH6009SPS Datasheet HTML 4Page - Diodes Incorporated DMNH6009SPS Datasheet HTML 5Page - Diodes Incorporated DMNH6009SPS Datasheet HTML 6Page - Diodes Incorporated DMNH6009SPS Datasheet HTML 7Page - Diodes Incorporated DMNH6009SPS Datasheet HTML 8Page - Diodes Incorporated DMNH6009SPS Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DMNH6009SPS
Document number: DS41482 Rev. 3 - 2
4 of 9
www.diodes.com
March 2020
© Diodes Incorporated
DMNH6009SPS
0
5
10
15
20
25
30
35
40
45
50
0
0.5
1
1.5
2
2.5
3
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 1 Typical Output Characteristic
V
= 3V
GS
V
= 3.5V
GS
V
= 4V
GS
V
= 4.5V
GS
V
= 5V
GS
V
= 10V
GS
0
5
10
15
20
25
30
1
1.5
2
2.5
3
3.5
4
4.5
5
V
= 5.0V
DS
T = 25°C
A
T = -55°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = 175°C
A
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
0
2
4
6
8
10
12
14
16
18
20
0
10
20
30
40
50
60
70
80
90 100
I , DRAIN-SOURCE CURRENT (A)
D
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
V
= 10V
GS
V
= 6V
GS
0
5
10
15
20
25
30
35
40
45
50
2
4
6
8
10
12
14
16
18
20
I
= 50A
D
I
= 25A
D
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 4 Typical Drain-Source On-Resistance
vs. Gate-Source Voltage
0
3
6
9
12
15
0
5
10
15
20
25
30
V
= 10V
GS
T
= -55°C
A
T
= 25°C
A
T
= 85°C
A
T
= 125°C
A
T
= 150°C
A
T
= 175°C
A
I , DRAIN CURRENT (A)
D
Figure 5 Typical On-Resistance vs.
Drain Current and Temperature
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
-50
-25
0
25
50
75
100 125 150
175
V
= 10V
GS
I
= 14A
D
V
= 6V
GS
I = 12A
D
T , JUNCTION TEMPERATURE ( C)
J
Figure 6 On-Resistance Variation with Temperature



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com