Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMNH6009SPS Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMNH6009SPS
Description  60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI5060-8
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMNH6009SPS Datasheet(HTML) 5 Page - Diodes Incorporated

  DMNH6009SPS Datasheet HTML 1Page - Diodes Incorporated DMNH6009SPS Datasheet HTML 2Page - Diodes Incorporated DMNH6009SPS Datasheet HTML 3Page - Diodes Incorporated DMNH6009SPS Datasheet HTML 4Page - Diodes Incorporated DMNH6009SPS Datasheet HTML 5Page - Diodes Incorporated DMNH6009SPS Datasheet HTML 6Page - Diodes Incorporated DMNH6009SPS Datasheet HTML 7Page - Diodes Incorporated DMNH6009SPS Datasheet HTML 8Page - Diodes Incorporated DMNH6009SPS Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DMNH6009SPS
Document number: DS41482 Rev. 3 - 2
5 of 9
www.diodes.com
March 2020
© Diodes Incorporated
DMNH6009SPS
0
2
4
6
8
10
0
5
10
15
20
25
30
35
40
V
= 30V
DS
I
= 25A
D
Q , TOTAL GATE CHARGE (nC)
g
Figure 11 Gate Charge
0.1
1
10
100
1000
0.1
1
10
100
P
= 1ms
W
P
= 10µs
W
P
= 100ms
W
P
= 10ms
W
P
= 100µs
W
P
= 1µs
W
P
= 1s
W
V
= 10V
GS
Single Pulse
DUT on Infinite Heatsink
TJ(max) = 175°C
TC = 25°C
-V
DRAIN-SOURCE VOLTAGE (V)
DS
Figure 12 SOA, Safe Operation Area
0
0.005
0.01
0.015
0.02
-50 -25
0
25
50
75
100 125 150 175
T , JUNCTION TEMPERATURE ( C)
J
Figure 7 On-Resistance Variation with Temperature
V
= 10V
GS
I
= 14A
D
V
= 6V
GS
I = 12A
D
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
-50
-25
0
25
50
75
100
125
150
175
T , JUNCTION TEMPERATURE ( C)
J
Figure 8 Gate Threshold Variation vs. Ambient Temperature
I = 250µA
D
I = 1mA
D
0
5
10
15
20
25
30
0
0.3
0.6
0.9
1.2
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Figure 9 Diode Forward Voltage vs. Current
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = 175°C
A
10
100
1000
10000
0
10
20
30
40
50
60
Ciss
Coss
Crss
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 10 Typical Junction Capacitance
f=1MHz
Junction Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com