Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T512V Datasheet(PDF) 11 Page - STMicroelectronics

Part # M48T512V
Description  3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T512V Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M48T512V Datasheet HTML 7Page - STMicroelectronics M48T512V Datasheet HTML 8Page - STMicroelectronics M48T512V Datasheet HTML 9Page - STMicroelectronics M48T512V Datasheet HTML 10Page - STMicroelectronics M48T512V Datasheet HTML 11Page - STMicroelectronics M48T512V Datasheet HTML 12Page - STMicroelectronics M48T512V Datasheet HTML 13Page - STMicroelectronics M48T512V Datasheet HTML 14Page - STMicroelectronics M48T512V Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11/21
M48T512Y, M48T512V*
CLOCK OPERATIONS
Reading the Clock
Updates to the TIMEKEEPER® registers should
be halted before clock data is read to prevent
reading data in transition (see Table 5.). The Bi-
PORT™ TIMEKEEPER cells in the RAM array are
only data registers and not the actual clock
counters, so updating the registers can be halted
without disturbing the clock itself.
Updating is halted when a '1' is written to the
READ Bit, D6 in the Control Register (7FFF8h). As
long as a '1' remains in that position, updating is
halted. After a halt is issued, the registers reflect
the count; that is, the day, date, and time that were
current at the moment the halt command was is-
sued. All of the TIMEKEEPER registers are updat-
ed simultaneously. A halt will not interrupt an
update in progress. Updating occurs 1 second af-
ter the READ Bit is reset to a '0.'
Setting the Clock
Bit D7 of the Control Register (7FFF8h) is the
WRITE Bit. Setting the WRITE Bit to a '1,' like the
READ Bit, halts updates to the TIMEKEEPER reg-
isters. The user can then load them with the cor-
rect day, date, and time data in 24 hour BCD
format (see Table 5., page 11). Resetting the
WRITE Bit to a '0' then transfers the values of all
time registers 7FFFFh-7FFF9h to the actual TIME-
KEEPER counters and allows normal operation to
resume. After the WRITE Bit is reset, the next
clock update will occur approximately one second
later. See Application Note, AN923, “TIMEKEEP-
ER® Rolling Into the 21st Century” on the ST Web
Site for more information on Century Rollover.
Note: Upon power-up, both the WRITE Bit and the
READ Bit will be reset to '0.'
Stopping and Starting the Oscillator.
The oscillator may be stopped at any time. If the
device is going to spend a significant amount of
time on the shelf, the oscillator can be turned off to
minimize current drain on the battery. The STOP
bit is located at Bit D7 within 7FFF9h. Setting it to
a '1' stops the oscillator. The M48T512Y/V is
shipped from STMicroelectronics with the STOP
bit set to a '1.' When reset to a '0,' the M48T512Y/
V oscillator starts after approximately one second.
Note: It is not necessary to set the WRITE Bit
when setting or resetting the FREQUENCY TEST
Bit (FT) or the STOP Bit (ST).
Table 5. Register Map
Keys: S = SIGN Bit
R = READ Bit
W = WRITE Bit
ST = STOP Bit
0 = Must be set to '0'
Address
Data
Function/Range
BCD Format
D7
D6
D5
D4
D3
D2
D1
D0
7FFFFh
10 Years
Year
Year
00-99
7FFFEh
0
0
0
10 M
Month
Month
01-12
7FFFDh
0
0
10 Date
Date
Date
01-31
7FFFCh
0
0000
Day
Day
01-07
7FFFBh
0
0
10 Hours
Hours
Hours
00-23
7FFFAh
0
10 Minutes
Minutes
Minutes
00-59
7FFF9h
ST
10 Seconds
Seconds
Seconds
00-59
7FFF8h
W
R
S
Calibration
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com