Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T512V Datasheet(PDF) 19 Page - STMicroelectronics

Part # M48T512V
Description  3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T512V Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M48T512V Datasheet HTML 13Page - STMicroelectronics M48T512V Datasheet HTML 14Page - STMicroelectronics M48T512V Datasheet HTML 15Page - STMicroelectronics M48T512V Datasheet HTML 16Page - STMicroelectronics M48T512V Datasheet HTML 17Page - STMicroelectronics M48T512V Datasheet HTML 18Page - STMicroelectronics M48T512V Datasheet HTML 19Page - STMicroelectronics M48T512V Datasheet HTML 20Page - STMicroelectronics M48T512V Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
19/21
M48T512Y, M48T512V*
PART NUMBERING
Table 13. Ordering Information Scheme
Note: 1. Contact local ST sales office for availability of 3.3V version.
For other options, or for more information on any aspect of this device, please contact the ST Sales Office
nearest you.
Example:
M48T
512Y
–70
PM
1
Device Type
M48T
Supply Voltage and Write Protect Voltage
512Y = VCC = 4.5 to 5.5V; VPFD = 4.2 to 4.5V
512V(1) = VCC = 3.0 to 3.6V; VPFD = 2.7 to 3.0V
Speed
–70 = 70ns (512Y)
–85 = 85ns (512V)
Package
PM = PMDIP32
Temperature Range
1 = 0 to 70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com