Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPDV3V0A-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # ACPDV3V0A-HF
Description  SMD ESD Protection Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACPDV3V0A-HF Datasheet(HTML) 3 Page - Comchip Technology

  ACPDV3V0A-HF Datasheet HTML 1Page - Comchip Technology ACPDV3V0A-HF Datasheet HTML 2Page - Comchip Technology ACPDV3V0A-HF Datasheet HTML 3Page - Comchip Technology ACPDV3V0A-HF Datasheet HTML 4Page - Comchip Technology ACPDV3V0A-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Typical Rating and Characteristic Curves (ACPDV3V0A-HF Thru. ACPDV24V0A-HF)
SMD ESD Protection Diode
Fig.1 - 8/20µs Waveform per IEC 61000-4-5
Time, (µs)
0
20
0
10
50
90
100
T2
T
T1
Front time:T1=1.25xT=8µs
Time to half-value::T2=20µs
Fig.2 - Contact Discharge Current Waveform
per IEC 61000-4-2
Time, (ns)
30ns
60ns
t
10
90
100
Tr =0.7~1ns
Fig.3 - Voltage vs Capacitance
Fig.4 - Voltage vs Capacitance
Voltage, (V)
0
15
5
1 2 3 4
6 7 8 9
Voltage, (V)
0
28
0.7
1.0
20
4
24
8
0.6
0.8
12
32
36
0.9
16
ACPDV24V0A-HF
ACPDV15V0A-HF
0.7
1.0
0.5
0.8
0.9
0.6
10 11 12 13 14
ACPDV5V0A-HF
ACPDV3V0A-HF
ACPDV8V0A-HF
ACPDV12V0A-HF
Fig.5 - Clamping Voltage vs
Peak Pulse Current
Clamping Voltage, (V)
0
50
0
2
6
20
10
20
40
30
4
8
5
0
70
Fig.6 - Clamping Voltage vs
Peak Pulse Current
Clamping Voltage, (V)
10
12
14
16
18
5
15
35
25
45
tp=8/20µs
ACPDV3V0A-HF
ACPDV5V0A-HF
ACPDV8V0A-HF
ACPDV12V0A-HF
ACPDV15V0A-HF
2
6
4
8
10
50
10
20
40
30
15
35
25
45
55 60 65
tp=8/20µs
Comchip Technology CO., LTD.
REV:A
Page 3
AQW-JP021
ACPDV36V0A-HF
ACPDV20V0A-HF
ACPDV18V0A-HF
ACPDV24V0A-HF
ACPDV36V0A-HF
ACPDV20V0A-HF
ACPDV18V0A-HF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com