Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPDV3V0A-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ACPDV3V0A-HF
Description  SMD ESD Protection Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACPDV3V0A-HF Datasheet(HTML) 2 Page - Comchip Technology

  ACPDV3V0A-HF Datasheet HTML 1Page - Comchip Technology ACPDV3V0A-HF Datasheet HTML 2Page - Comchip Technology ACPDV3V0A-HF Datasheet HTML 3Page - Comchip Technology ACPDV3V0A-HF Datasheet HTML 4Page - Comchip Technology ACPDV3V0A-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics (at Ta=25°C unless otherwise noted)
ACPDV5V0A-HF
ACPDV8V0A-HF
ACPDV12V0A-HF
ACPDV15V0A-HF
ACPDV18V0A-HF
ACPDV3V0A-HF
VRWM(V)
Max
VBR
@1mA(V)
Min
VC
@1A(V)
Max
IPP(A)
Max
IPP(A)
Max
VC@IPP(V)
VC@IPP(V)
IR(µA)
Max
CJ(pF)
Typ
3
5
8
12
15
18
4.0
6.0
8.5
13.3
16.7
20.0
7.0
9.8
13.4
19.0
24.0
35.0
13.9
18.3
18.5
24.0
29.0
45.0
8
8
8
6
5
5
20.0
20.0
24.0
28.6
31.8
53.0
20
18
18
12
10
7
5
1
1
1
1
1
0.8
0.8
0.8
0.8
0.8
0.8
SMD ESD Protection Diode
Part No.
PPP(W)
Peak pulse
current
400
360
432
343
318
371
Comchip Technology CO., LTD.
REV:A
Page 2
AQW-JP021
ACPDV20V0A-HF
ACPDV24V0A-HF
20
24
22.0
26.7
38.0
43.0
45.0
45.0
4
3
55.0
56.0
7
6
1
1
0.8
0.8
385
336
ACPDV36V0A-HF
36
40.0
60.0
65.0
2
75.0
4.5
1
0.8
338



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com