Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN100 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TN100
Description  High performance CSS transceiver enabling location awareness
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN100 Datasheet(HTML) 2 Page - STMicroelectronics

  TN100 Datasheet HTML 1Page - STMicroelectronics TN100 Datasheet HTML 2Page - STMicroelectronics TN100 Datasheet HTML 3Page - STMicroelectronics TN100 Datasheet HTML 4Page - STMicroelectronics TN100 Datasheet HTML 5Page - STMicroelectronics TN100 Datasheet HTML 6Page - STMicroelectronics TN100 Datasheet HTML 7Page - STMicroelectronics TN100 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Description
TN100
2/8
1
Description
The TN100 transceiver is a highly integrated mixed signal chip that uses the wireless
communication technology CSS (chirp spread spectrum) developed by Nanotron
Technologies.
With its unique ranging capability, TN100 can measure the link distance between two nodes.
Thus, TN100 supports location awareness applications including location based services
(LBS) and asset tracking (2D/3D RTLS). Ranging is performed during regular data
communication and does not require additional infrastructure, power, and/or bandwidth. For
an even better ranging accuracy, a high precision mode is provided. SDS-TWR algorithm
(symmetrical double-sided two-way ranging) allows superior accuracy even with the use of
low cost crystals for the oscillators.
The TN100 transceiver IC is designed to build up robust, short distance wireless networks
operating in the 2.45 GHz ISM band with extremely low power consumption over a wide
range of operating temperatures.
The TN100 supports 7-frequency channels with 3 non-overlapping channels. This provides
support for multiple physically independent networks and improved coexistence
performance with existing 2.4 GHz wireless technologies. Data rates are selectable between
31.25 kbps and 2 Mbps. Due to the chip's unique chirp pulse, adjustment of the antenna is
not critical. This significantly simplifies the system's installation and maintenance ("pick-and-
place").
The TN100 transceiver includes a sophisticated MAC controller with CSMA/CA and TDMA
support as well as forward error correction (FEC) and 128-bit hardware encryption. It also
provides scrambling, automatic address matching, and packet retransmission, thus
minimizing the requirements for microcontroller and software.
Through its high-speed standard SPI interface, the TN100 can be interfaced with a wide
range of external micro-controllers. It includes a 4 kbits frame buffer which allows even very
slow microcontrollers to work with the transceiver. This means that several receive and
transmit frames can be stored simultaneously in the buffers. This solution eliminates the
problems of different peak data rates between air and microcontroller interfaces.
Target applications for the TN100 include:
●
Asset tracking
●
Enabling 2D/3D real-time location systems
●
Security
●
Industrial monitoring and control
●
Medical applications



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com