Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN100 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TN100
Description  High performance CSS transceiver enabling location awareness
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN100 Datasheet(HTML) 5 Page - STMicroelectronics

  TN100 Datasheet HTML 1Page - STMicroelectronics TN100 Datasheet HTML 2Page - STMicroelectronics TN100 Datasheet HTML 3Page - STMicroelectronics TN100 Datasheet HTML 4Page - STMicroelectronics TN100 Datasheet HTML 5Page - STMicroelectronics TN100 Datasheet HTML 6Page - STMicroelectronics TN100 Datasheet HTML 7Page - STMicroelectronics TN100 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TN100
Pin assignment
5/8
43
TxN
RF output
Differential transmitter output (inverted)
44
TxP
RF output
Differential transmitter output
45
VSSA
Supply
Power supply for analog parts
46
VBalun
Supply
Power supply for external balun (DC for
TxP/TxN; needs to be blocked with an
external capacitor in the 27pF to 47pF range
close to balun)
47
VDDA
Supply
Power supply for analog parts
48
VDDA
Supply
Power supply for analog parts
Table 1.
Pin descriptions (continued)
Pin
Signal
Direction
Description



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com