Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN100Q Datasheet(PDF) 3 Page - STMicroelectronics

Part # TN100Q
Description  High performance CSS transceiver enabling location awareness
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN100Q Datasheet(HTML) 3 Page - STMicroelectronics

  TN100Q Datasheet HTML 1Page - STMicroelectronics TN100Q Datasheet HTML 2Page - STMicroelectronics TN100Q Datasheet HTML 3Page - STMicroelectronics TN100Q Datasheet HTML 4Page - STMicroelectronics TN100Q Datasheet HTML 5Page - STMicroelectronics TN100Q Datasheet HTML 6Page - STMicroelectronics TN100Q Datasheet HTML 7Page - STMicroelectronics TN100Q Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TN100
Pin assignment
3/8
2
Pin assignment
This section provides a brief overview of the location and function of each pin.
Figure 1.
QFN48 package top view
Table 1.
Pin descriptions
Pin
Signal
Direction
Description
1
TestCom
LF signal
Test pin for analogue signals
2
VSSA
Supply
Power supply for analog parts
3
VSSA
Supply
Power supply for analog parts
4
VDDA
Supply
Power supply for analog parts
5
Xtal32kP
Analog IO
Crystal 32768 Hz, input from external 32768
Hz frequency reference
6
Xtal32kN
Analog IO
Crystal 32768 Hz
7
VSSD
Supply
Power supply for digital parts
8
Xtal32MP
Analog IO
Crystal 32.0 MHz, input from external 32 MHz
frequency reference
9
Xtal32MN
Analog IO
Crystal 32.0 MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com