Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN100Q Datasheet(PDF) 4 Page - STMicroelectronics

Part # TN100Q
Description  High performance CSS transceiver enabling location awareness
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN100Q Datasheet(HTML) 4 Page - STMicroelectronics

  TN100Q Datasheet HTML 1Page - STMicroelectronics TN100Q Datasheet HTML 2Page - STMicroelectronics TN100Q Datasheet HTML 3Page - STMicroelectronics TN100Q Datasheet HTML 4Page - STMicroelectronics TN100Q Datasheet HTML 5Page - STMicroelectronics TN100Q Datasheet HTML 6Page - STMicroelectronics TN100Q Datasheet HTML 7Page - STMicroelectronics TN100Q Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Pin assignment
TN100
4/8
10
VSSD
Supply
Power supply for digital parts
11
POnReset
Digital input
Power on reset line
12
μCVCC
Supply
Switchable power supply for external
microcontroller
13
SpiClk
Digital input
SPI clock
14
SpiSSn
Digital input
SPI slave selected
15
SpiTxD
Digital output
SPI transmit data (MISO)
16
SpiTxD
Digital Input
SPI receive data (MOSI)
17
VDDD
Supply
Power supply for digital parts
18
D0
Digital IO
Digital input or output line 0
19
D1
Digital IO
Digital input or output line 1
20
D2
Digital IO
Digital input or output line 2
21
D3
Digital IO
Digital input or output line 3
22
VDDD
Supply
Power supply for digital parts
23
μCIRQ
Digital output
Interrupt request to external microprocessor
24
VSSD
Supply
Power supply for digital parts
25
VDDD
Supply
Power supply for digital parts
26
VSSD
Supply
Power supply for digital parts
27
Tx/Rx
Digital output
Output signal to distinguish between transmit
and receive
28
VDDD
Supply
Power supply for digital parts
29
VSSD
Supply
Power supply for digital parts
30
Test
Digital IO
Pin for digital tests
31
RRef
Analog IO
Pin for external reference resistor
32
VDDA
Supply
Power supply for analog parts
33
TestRxP
LF Signal
Test pin for RX signals
34
TestRxN
LF Signal
Test pin for RX signals inverted
35
VSSA
Supply
Power supply for analog parts
36
VDDA
Supply
Power supply for analog parts
37
VDDA
Supply
Power supply for analog parts
38
VSSA
Supply
Power supply for analog parts
39
RxN
RF input
Differential receiver input (inverted)
40
RxP
RF input
Differential receiver input
41
VSSA
Supply
Power supply for analog parts
42
VSSA
Supply
Power supply for analog parts
Table 1.
Pin descriptions (continued)
Pin
Signal
Direction
Description



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com