Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN100QT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TN100QT
Description  High performance CSS transceiver enabling location awareness
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN100QT Datasheet(HTML) 1 Page - STMicroelectronics

  TN100QT Datasheet HTML 1Page - STMicroelectronics TN100QT Datasheet HTML 2Page - STMicroelectronics TN100QT Datasheet HTML 3Page - STMicroelectronics TN100QT Datasheet HTML 4Page - STMicroelectronics TN100QT Datasheet HTML 5Page - STMicroelectronics TN100QT Datasheet HTML 6Page - STMicroelectronics TN100QT Datasheet HTML 7Page - STMicroelectronics TN100QT Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
December 2006
Rev 1
1/8
8
TN100
High performance CSS transceiver enabling location awareness
Features
■ Single-chip solution for ISM 2.45 GHz RF
transceiver
■ Built-in ranging capability for link distance
estimation
■ Modulation technique: chirp spread spectrum
(CSS)
■ FDMA support: 7 channels, 3 non-overlapping
■ Data rates: 2, 1 Mbps; 500, 250, 125, 62.5,
31.25 kbps
■ Adjustable output power from -33 dBm to
0dBm
■ Receiver sensitivity: -97 dBm @ 250 kbps,
FEC, and BER=10-3
■ In-band carrier-to-interference C/I = 0 to 3 dB
@ 250 kbps & C=-80 dBm
■ Supports external power amplifier to increase
output power
■ High precision ranging: 2 m indoors and 1 m
outdoors
■ Supply voltage range from 2.3 V to 2.7 V
■ Current consumption: 27 mA (RX), 30 mA (TX)
@ 0 dBm
■ Standby current with active RTC: 2 µA
■ RSSI sensitivity: -95 dBm
■ 32.768 kHz clock available for external µC
■ Integrated fast SPI interface (32 Mbps)
■ Integrated MAC controller with FEC, CRC
checking
■ CSMA/CA, FDMA, and TDMA modes
■ Automatic retransmission and
acknowledgement
■ Automatic address matching
■ Industrial temperature range from -40°C to
+85°C
■ QFN48 package
www.st.com


Similar Part No. - TN100QT

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TN100A TOPSTEK-TN100A Datasheet
112Kb / 2P
Topstek Current Transducers
More results

Similar Description - TN100QT

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC870 VITESSE-VSC870 Datasheet
511Kb / 40P
High Performance Serial Backplane Transceiver
logo
List of Unclassifed Man...
TRA150D-050-5 ETC1-TRA150D-050-5 Datasheet
76Kb / 6P
High Performance ASK Transceiver
logo
ams AG
AS8221 AMSCO-AS8221 Datasheet
61Kb / 2P
High Performance Bus Transceiver
logo
List of Unclassifed Man...
LOCTRX ETC2-LOCTRX Datasheet
116Kb / 2P
High Performance RF Transceiver Enabling Location Awareness
logo
Silicon Laboratories
4463C-915-PDK SILABS-4463C-915-PDK Datasheet
1Mb / 56P
HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
SI4460-C2A-GM SILABS-SI4460-C2A-GM Datasheet
1Mb / 53P
HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
SI4463-C2A-GM SILABS-SI4463-C2A-GM Datasheet
1Mb / 53P
HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0 10/14
SI4467-A2A-IM SILABS-SI4467-A2A-IM Datasheet
1Mb / 57P
HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0 10/14
logo
Pepperl+Fuchs Inc.
VAZ-HH30-BRACKET PF-VAZ-HH30-BRACKET Datasheet
118Kb / 1P
Enabling switch accessories
2008-11-13
VAA-3E-HH30-J-S-V1 PF-VAA-3E-HH30-J-S-V1 Datasheet
225Kb / 2P
Enabling switch
2019-01-09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com