Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z02 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M48Z02
Description  16 Kbit 2Kb x 8 ZEROPOWER SRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z02 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M48Z02 Datasheet HTML 3Page - STMicroelectronics M48Z02 Datasheet HTML 4Page - STMicroelectronics M48Z02 Datasheet HTML 5Page - STMicroelectronics M48Z02 Datasheet HTML 6Page - STMicroelectronics M48Z02 Datasheet HTML 7Page - STMicroelectronics M48Z02 Datasheet HTML 8Page - STMicroelectronics M48Z02 Datasheet HTML 9Page - STMicroelectronics M48Z02 Datasheet HTML 10Page - STMicroelectronics M48Z02 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Symbol
Parameter
M48Z02 / M48Z12
Unit
-70
-150
-200
Min
Max
Min
Max
Min
Max
tAVAV
Write Cycle Time
70
150
200
ns
tAVWL
Address Valid to Write Enable Low
0
0
0
ns
tAVEL
Address Valid to Chip Enable Low
0
0
0
ns
tWLWH
Write Enable Pulse Width
50
90
120
ns
tELEH
Chip Enable Low to Chip Enable High
55
90
120
ns
tWHAX
Write Enable High to Address Transition
0
10
10
ns
tEHAX
Chip Enable High to Address Transition
0
10
10
ns
tDVWH
Input Valid to Write Enable High
30
40
60
ns
tDVEH
Input Valid to Chip Enable High
30
40
60
ns
tWHDX
Write Enable High to Input Transition
5
5
5
ns
tEHDX
Chip Enable High to Input Transition
5
5
5
ns
tWLQZ
Write Enable Low to Output Hi-Z
25
50
60
ns
tAVWH
Address Valid to Write Enable High
60
120
140
ns
tAVEH
Address Valid to Chip Enable High
60
120
140
ns
tWHQX
Write Enable High to Output Transition
5
10
10
ns
Table 10. Write Mode AC Characteristics
(TA = 0 to 70
°C or –40 to 85°C; VCC = 4.75V to 5.5V or 4.5V to 5.5V)
WRITE MODE
The M48Z02/12 is in the Write Mode whenever W
and E are active. The start of a write is referenced
from the latter occurring falling edge of W or E. A
write is terminated by the earlier rising edge of W
or E. The addresses must be held valid throughout
the cycle. E or W must return high for a minimum
of tEHAX from Chip Enable or tWHAX from Write
Enable prior to the initiation of another read or write
cycle. Data-in must be valid tDVWH prior to the end
of write and remain valid for tWHDX afterward. G
should be kept high during write cycles to avoid bus
contention; although, if the output bus has been
activated by a low on E and G, a low on W will
disable the outputs tWLQZ after W falls.
7/12
M48Z02, M48Z12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com