Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z02 Datasheet(PDF) 9 Page - STMicroelectronics

Part # M48Z02
Description  16 Kbit 2Kb x 8 ZEROPOWER SRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z02 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M48Z02 Datasheet HTML 4Page - STMicroelectronics M48Z02 Datasheet HTML 5Page - STMicroelectronics M48Z02 Datasheet HTML 6Page - STMicroelectronics M48Z02 Datasheet HTML 7Page - STMicroelectronics M48Z02 Datasheet HTML 8Page - STMicroelectronics M48Z02 Datasheet HTML 9Page - STMicroelectronics M48Z02 Datasheet HTML 10Page - STMicroelectronics M48Z02 Datasheet HTML 11Page - STMicroelectronics M48Z02 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DATA RETENTION MODE
With valid VCC applied, the M48Z02/12 operates as
a conventional BYTEWIDE
™ static RAM. Should
the supply voltage decay, the RAM will automat-
ically power-fail deselect, write protecting itself
when VCC falls within the VPFD(max), VPFD(min)
window. All outputs become high impedance, and
all inputs are treated as "don’t care."
Note: A power failure during a write cycle may
corrupt data at the currently addressed location,
but does not jeopardize the rest of the RAM’s
content. At voltages below VPFD(min), the user can
be assured the memory will be in a write protected
state, provided the VCC fall time is not less than tF.
The M48Z02/12 may respond to transient noise
spikes on VCC that reach into the deselect window
during the time the device is sampling VCC. There-
fore, decoupling of the power supply lines is rec-
ommended.
The power switching circuit connects external VCC
to the RAM and disconnects the battery when VCC
rises above VSO. As VCC rises, the battery voltage
is checked. If the voltage is too low, an internal
Battery Not OK (BOK) flag will be set. The BOK flag
can be checked after power up. If the BOK flag is
set, the first write attempted will be blocked. The
flag is automatically cleared after the first write, and
normal RAM operation resumes. Figure 9 illus-
trates how a BOK check routine could be struc-
tured.
POWER SUPPLY DECOUPLING and UNDER-
SHOOT PROTECTION
ICC transients, including those produced by output
switching, can produce voltage fluctuations, result-
ing in spikes on the VCC bus. These transients can
be reduced if capacitors are used to store energy,
which stabilizes the VCC bus. The energy stored in
the bypass capacitors will be released as low going
spikes are generated or energy will be absorbed
when overshoots occur. A ceramic bypass capaci-
tor value of 0.1
µF (as shown in Figure 10) is
recommended in order to provide the needed filter-
ing.
In addition to transients that are caused by normal
SRAM operation, power cycling can generate
negative voltage spikes on VCC that drive it to
values below VSS by as much as one Volt. These
negative spikes can cause data corruption in the
SRAM while in battery backup mode. To protect
from these voltage spikes, it is recommeded to
connect a schottky diode from VCC to VSS (cathode
connected to VCC, anode to VSS). Schottky diode
1N5817 is recommended for through hole and
MBRS120T3 is recommended for surface mount.
READ DATA
AT ANY ADDRESS
AI00607
IS DATA
COMPLEMENT
OF FIRST
READ?
(BATTERY OK)
POWER-UP
YES
NO
WRITE DATA
COMPLEMENT BACK
TO SAME ADDRESS
READ DATA
AT SAME
ADDRESS AGAIN
NOTIFY SYSTEM
OF LOW BATTERY
(DATA MAY BE
CORRUPTED)
WRITE ORIGINAL
DATA BACK TO
SAME ADDRESS
(BATTERY LOW)
CONTINUE
Figure 9. Checking the BOK Flag Status
AI02169
VCC
0.1
µF
DEVICE
VCC
VSS
Figure 10. Supply Voltage Protection
9/12
M48Z02, M48Z12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com