Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMTH6016LFDFW Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMTH6016LFDFW
Description  60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH6016LFDFW Datasheet(HTML) 2 Page - Diodes Incorporated

  DMTH6016LFDFW Datasheet HTML 1Page - Diodes Incorporated DMTH6016LFDFW Datasheet HTML 2Page - Diodes Incorporated DMTH6016LFDFW Datasheet HTML 3Page - Diodes Incorporated DMTH6016LFDFW Datasheet HTML 4Page - Diodes Incorporated DMTH6016LFDFW Datasheet HTML 5Page - Diodes Incorporated DMTH6016LFDFW Datasheet HTML 6Page - Diodes Incorporated DMTH6016LFDFW Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMTH6016LFDFW
Datasheet number: DS39885 Rev. 2 - 2
2 of 7
www.diodes.com
February 2018
© Diodes Incorporated
DMTH6016LFDFW
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = 10V
TA = +25°C
TA = +100°C
ID
9.4
6.6
A
Pulsed Drain Current (10
μs Pulse, Duty Cycle = 1%)
IDM
70
A
Continuous Source-Drain Diode Current (Note 6)
IS
3.0
A
Pulsed Source-Drain Diode Current (10
μs Pulse, Duty Cycle = 1%)
ISM
70
A
Avalanche Current, L = 0.1mH (Note 7)
IAS
15.3
A
Avalanche Energy, L = 0.1mH (Note 7)
EAS
11.7
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
TA = +25°C
PD
1.06
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
141
°C/W
Total Power Dissipation (Note 6)
TA = +25°C
PD
2.3
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
63
°C/W
Thermal Resistance, Junction to Case (Note 6)
TC = +25°C
RθJC
9.6
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
60
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
1
µA
VDS = 48V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(TH)
1
3
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
13.8
18
m
VGS = 10V, ID = 10A
20.3
27.5
VGS = 4.5V, ID = 6A
Diode Forward Voltage
VSD
1.0
V
VGS = 0V, IS = 10A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
925
pF
VDS = 30V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
242
Reverse Transfer Capacitance
Crss
25.4
Gate Resistance
Rg
1.3
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
Qg
7.5
nC
VDS = 30V, ID = 10A
Total Gate Charge (VGS = 10V)
Qg
15.3
Gate-Source Charge
Qgs
2.6
Gate-Drain Charge
Qgd
3.5
Turn-On Delay Time
tD(ON)
3.2
ns
VGS = 10V, VDS = 30V,
Rg = 6Ω, ID = 10A
Turn-On Rise Time
tR
4.2
Turn-Off Delay Time
tD(OFF)
14.5
Turn-Off Fall Time
tF
7.2
Reverse Recovery Time
tRR
20.8
ns
IF = 10A, di/dt = 100A/µs
Reverse Recovery Charge
QRR
11.4
nC
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. IAS and EAS ratings are based on low frequency and duty cycles to keep TJ = +25°C.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com