Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMTH6016LFDFW Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMTH6016LFDFW
Description  60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH6016LFDFW Datasheet(HTML) 3 Page - Diodes Incorporated

  DMTH6016LFDFW Datasheet HTML 1Page - Diodes Incorporated DMTH6016LFDFW Datasheet HTML 2Page - Diodes Incorporated DMTH6016LFDFW Datasheet HTML 3Page - Diodes Incorporated DMTH6016LFDFW Datasheet HTML 4Page - Diodes Incorporated DMTH6016LFDFW Datasheet HTML 5Page - Diodes Incorporated DMTH6016LFDFW Datasheet HTML 6Page - Diodes Incorporated DMTH6016LFDFW Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMTH6016LFDFW
Datasheet number: DS39885 Rev. 2 - 2
3 of 7
www.diodes.com
February 2018
© Diodes Incorporated
DMTH6016LFDFW
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
0.5
1
1.5
2
2.5
3
VDS, DRAIN-SOURCE VOLTAGE (V)
Figure 1. Typical Output Characteristic
V
GS = 2.8V
V
GS = 3.0V
V
GS = 3.2V
V
GS = 10.0V
V
GS = 5.0V
V
GS=3.7V
V
GS = 4.0V
V
GS = 4.5V
V
GS=3.5V
0.00
5.00
10.00
15.00
20.00
25.00
30.00
0
5
10
15
20
25
30
ID, DRAIN-SOURCE CURRENT (A)
Figure 3. Typical On-Resistance vs. Drain Current and
Gate Voltage
V
GS = 10V
V
GS = 4.5V
0
5
10
15
20
25
30
35
40
45
50
2
4
6
8
10
12
14
16
18
20
VGS, GATE-SOURCE VOLTAGE (V)
Figure 4. Typical Transfer Characteristic
I
D = 10A
I
D = 6.0A
0
5
10
15
20
25
30
0
5
10
15
20
25
30
ID, DRAIN CURRENT (A)
Figure 5. Typical On-Resistance vs. Drain Current and
Temperature
TJ=-55℃
TJ=25℃
TJ=85℃
TJ=150℃
TJ=125℃
V
GS = 10V
TJ=175℃
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
150
175
TJ, JUNCTION TEMPERATURE (℃)
Figure 6. On-Resistance Variation with Temperature
V
GS = 10V, ID = 10A
V
GS = 4.5V, ID = 6.0A
0
5
10
15
20
25
30
0
1
2
3
4
5
VGS, GATE-SOURCE VOLTAGE (V)
Figure 2. Typical Transfer Characteristic
V
DS = 5.0V
TJ=-55℃
TJ=25℃
TJ=85℃
TJ=125℃
TJ=150℃
TJ=175℃



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com