Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z09PC Datasheet(PDF) 5 Page - STMicroelectronics

Part # M48Z09PC
Description  CMOS 8K x 8 ZEROPOWER SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z09PC Datasheet(HTML) 5 Page - STMicroelectronics

  M48Z09PC Datasheet HTML 1Page - STMicroelectronics M48Z09PC Datasheet HTML 2Page - STMicroelectronics M48Z09PC Datasheet HTML 3Page - STMicroelectronics M48Z09PC Datasheet HTML 4Page - STMicroelectronics M48Z09PC Datasheet HTML 5Page - STMicroelectronics M48Z09PC Datasheet HTML 6Page - STMicroelectronics M48Z09PC Datasheet HTML 7Page - STMicroelectronics M48Z09PC Datasheet HTML 8Page - STMicroelectronics M48Z09PC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Symbol
Parameter
Min
Max
Unit
tPD
E1 or W at VIH or E2 at VIL before Power Down
0
µs
tF
(1)
VPFD (max) to VPFD (min) VCC Fall Time
300
µs
tFB
(2)
VPFD (min) to VSO VCC Fall Time
10
µs
tR
VPFD(min) to VPFD (max) VCC Rise Time
0
µs
tRB
VSO to VPFD (min) VCC Rise Time
1
µs
tREC
E1 or W at VIH or E2 at VIL after Power Up
1
ms
tPFX
INT Low to Auto Deselect
10
40
µs
tPFH
(3)
VPFD (max) to INT High
120
µs
Notes:1. VPFD (max) to VPFD (min) fall time of less than tF may result in deselection/write protection not occurring until 200
µs after
VCC passes VPFD (min).
2. VPFD (min) to VSO fall time of less than tFB may cause corruption of RAM data.
3. INT may go high anytime after VCC exceeds VPFD (min) and is guaranteed to go high tPFH after VCC exceeds VPFD (max).
Table 7. Power Down/Up Mode AC Characteristics (TA = 0 to 70
°C)
AI00566
VCC
INPUTS
INT
(PER CONTROL INPUT)
OUTPUTS
DON'T CARE
HIGH-Z
tF
tFB
tPFX
tR
tPFH
tREC
tPD
tRB
tDR
VALID
VALID
NOTE
(PER CONTROL INPUT)
RECOGNIZED
RECOGNIZED
VPFD (max)
VPFD (min)
VSO
Figure 5. Power Down/Up Mode AC Waveforms
Note: Inputs may or may not be recognized at this time. Caution should be taken to keep E1 high or E2 low as VCC rises past VPFD(min).
Some systems may performs inadvertent write cycles after VCC rises above VPFD(min) but before normal system operations begins. Even
though a power on reset is being applied to the processor a reset condition may not occur until after the system clock is running.
5/13
M48Z09, M48Z19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com