Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z09PC Datasheet(PDF) 6 Page - STMicroelectronics

Part # M48Z09PC
Description  CMOS 8K x 8 ZEROPOWER SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z09PC Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M48Z09PC Datasheet HTML 2Page - STMicroelectronics M48Z09PC Datasheet HTML 3Page - STMicroelectronics M48Z09PC Datasheet HTML 4Page - STMicroelectronics M48Z09PC Datasheet HTML 5Page - STMicroelectronics M48Z09PC Datasheet HTML 6Page - STMicroelectronics M48Z09PC Datasheet HTML 7Page - STMicroelectronics M48Z09PC Datasheet HTML 8Page - STMicroelectronics M48Z09PC Datasheet HTML 9Page - STMicroelectronics M48Z09PC Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Symbol
Parameter
M48Z09 / 19
Unit
-100
Min
Max
tAVAV
Read Cycle Time
100
ns
tAVQV
(1)
Address Valid to Output Valid
100
ns
tE1LQV
(1)
Chip Enable 1 Low to Output Valid
100
ns
tE2HQV
(1)
Chip Enable 2 High to Output Valid
100
ns
tGLQV
(1)
Output Enable Low to Output Valid
50
ns
tE1LQX
(2)
Chip Enable 1 Low to Output Transition
10
ns
tE2HQX
(2)
Chip Enable 2 High to Output Transition
10
ns
tGLQX
(2)
Output Enable Low to Output Transition
5
ns
tE1HQZ
(2)
Chip Enable 1 High to Output Hi-Z
50
ns
tE2LQZ
(2)
Chip Enable 2 Low to Output Hi-Z
50
ns
tGHQZ
(2)
Output Enable High to Output Hi-Z
40
ns
tAXQX
(1)
Address Transition to Output Transition
5
ns
Notes: 1. CL= 100pF (see Figure 4).
2. CL= 30pF (see Figure 4)
Table 8. Read Mode AC Characteristics (TA = 0 to 70
°C; VCC = 4.75V to 5.5V or 4.5V to 5.5V)
AI00962
tAVAV
tAVQV
tAXQX
tE1LQV
tE1LQX
tE1HQZ
tGLQV
tGLQX
tGHQZ
VALID
A0-A12
E1
G
DQ0-DQ7
tE2HQV
tE2HQX
VALID
tE2LQZ
E2
Figure 6. Read Mode AC Waveforms
6/13
M48Z09, M48Z19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com