Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F202 A-25/0.03 AP-R Datasheet(PDF) 3 Page - ABB

Part # F202 A-25/0.03 AP-R
Description  F202 A-25/0.03 AP-R Residual Current Circuit Breaker 2P A type 30 mA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

F202 A-25/0.03 AP-R Datasheet(HTML) 3 Page - ABB

  F202 A-25/0.03 AP-R Datasheet HTML 1Page - ABB F202 A-25/0.03 AP-R Datasheet HTML 2Page - ABB F202 A-25/0.03 AP-R Datasheet HTML 3Page - ABB F202 A-25/0.03 AP-R Datasheet HTML 4Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dimensions
2
Width in Number of
Modular Spacings
0.035 m
Product Net Width
0.085 m
Product Net Height
0.069 m
Product Net Depth /
Length
0.200 kg
Product Net Weight
69 mm
Built-In Depth (t2)
Ordering
1 piece
Minimum Order Quantity
box 1 piece
Package Level 1 Units
0.235 kg
Package Level 1 Gross
Weight
85363030
Customs Tariff Number
3259656
E-Number (Finland)
2160175
E-Number (Sweden)
Italy (IT)
Country of Origin
Certificates and Declarations
9AKK106713A5602
Declaration of Conformity
- CE
Popular Downloads
9AKK107991A8329
Data Sheet, Technical
Information
9AKK107991A6127
Instructions and Manuals
Classifications
EC000003 - Residual current circuit breaker (RCCB)
ETIM 8
EC000003 - Residual current circuit breaker (RCCB)
ETIM 9
Electrical engineering / Protection devices / Ground fault current circuit breaker
EPLAN Catalog Tree
Ground fault current circuit-breaker / Ground fault current circuit breakers, 4
connection points / Ground fault current circuit breaker, two-pole 1/2 2/1 3/4 4/3
EPLAN Function
Definition
5. Small Equipment (No External Dimension More Than 50 cm)
WEEE Category
Business To Consumer
WEEE B2C / B2B
85363030
CN8
39121601
UNSPSC
V11.0 : 27142201
eClass
4875 >> Residual current circuit breaker (RCCB)
IDEA Granular Category
Code (IGCC)
F
Object Classification Code
Accessories
3
F202 A-25/0.03 AP-R
© 2023 ABB. All rights reserved.
Subject to change without notice
2023/07/31



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com