Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F202 A-25/0.03 AP-R Datasheet(PDF) 1 Page - ABB

Part # F202 A-25/0.03 AP-R
Description  F202 A-25/0.03 AP-R Residual Current Circuit Breaker 2P A type 30 mA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

F202 A-25/0.03 AP-R Datasheet(HTML) 1 Page - ABB

  F202 A-25/0.03 AP-R Datasheet HTML 1Page - ABB F202 A-25/0.03 AP-R Datasheet HTML 2Page - ABB F202 A-25/0.03 AP-R Datasheet HTML 3Page - ABB F202 A-25/0.03 AP-R Datasheet HTML 4Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
F202 A-25/0.03 AP-R Residual Current Circuit
Breaker 2P A type 30 mA
F202 A-25/0.03 AP-R
Extended Product Type
F202 A-25/0.03 AP-R
Product ID
2CSF202401R1250
EAN
8012542785101
Catalog Description
F202 A-25/0.03 AP-R Residual Current Circuit Breaker 2P A type 30 mA
Long Description
The RCCBs F200 series assures protection to people and installations against fault current
to earth. A large offer for standard instantaneous and selective AC and A types is completed
with some configurations for special applications. This product provides the best
compromise between safety and continuity in the service, thanks to the resistance to
unwanted trippings.
General Information
PRODUCT-DETAILS
Eco Transparency
9AKK108467A3700
Environmental Product
Declaration - EPD
Technical
IEC/EN 61008
UL 1053
Standards
A type
Type of Residual Current
230 V
Rated Voltage (Ur)
230 V
Rated Operational Voltage
© 2023 ABB. All rights reserved.
Subject to change without notice
2023/07/31


Similar Part No. - F202 A-25/0.03 AP-R

ManufacturerPart #DatasheetDescription
logo
ABB
F202 B-16/0,3 ABB-F202 B-16/0,3 Datasheet
204Kb / 2P
F202 B-16/0,3 Residual Current Circuit Breaker
F202 B-16/0.3 ABB-F202 B-16/0.3 Datasheet
133Kb / 4P
F202 B-16/0.3 Residual Current Circuit Breaker 2P B type 300 mA
2023/08/08
F202 B-25/0.3 ABB-F202 B-25/0.3 Datasheet
301Kb / 5P
F202 B-25/0.3 Residual Current Circuit Breaker 2P B type 300 mA
2023/08/08
F202 F-25/0,03 ABB-F202 F-25/0,03 Datasheet
215Kb / 2P
F202 F-25/0,03 Residual Current Circuit Breaker
F202 F-40/0,03 ABB-F202 F-40/0,03 Datasheet
215Kb / 2P
F202 F-40/0,03 Residual Current Circuit Breaker
More results

Similar Description - F202 A-25/0.03 AP-R

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
020131MB SUYIN-USA-020131MB Datasheet
131Kb / 1P
USB A TYPE R/A SMD TYPE (REVERSED TYPE)
020137MR SUYIN-USA-020137MR Datasheet
112Kb / 1P
USB A TYPE R/A DIP TYPE
logo
Wurth Elektronik GmbH &...
61400416021 WURTH-61400416021 Datasheet
816Kb / 2P
USB FEMALE R/A A TYPE
logo
PHOENIX CONTACT
2806223 PHOENIX-2806223 Datasheet
54Kb / 4P
Residual current converter for type B residual current monitor.
2806236 PHOENIX-2806236 Datasheet
54Kb / 4P
Residual current converter for type B residual current monitor.
2806249 PHOENIX-2806249 Datasheet
54Kb / 4P
Residual current converter for type B residual current monitor.
logo
Schneider Electric
56270 SCHNEIDER-56270 Datasheet
136Kb / 3P
residual current protection relay, Vigirex RH99P, 30 mA to 30 A, 12/24 VAC 50/60 Hz, 12/48 VDC, front panel mounting
Dec 10, 2020
56273 SCHNEIDER-56273 Datasheet
136Kb / 3P
residual current protection relay, Vigirex RH99P, 30 mA to 30 A, 220/240 VAC 50/60 Hz, front panel mounting
Dec 10, 2020
logo
VACUUMSCHMELZE GmbH & C...
T60404-N4646-X400 VACUUMSCHMELZE-T60404-N4646-X400 Datasheet
263Kb / 5P
25 A Current Sensor
logo
Weidmuller
2656270000 WEIDMULLER-2656270000 Datasheet
139Kb / 2P
Residual current transformer (RCM), Primary current: 18 A
November 4, 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com