Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F204 A-40/0.03 AP-R Datasheet(PDF) 2 Page - ABB

Part # F204 A-40/0.03 AP-R
Description  F204 A-40/0.03 AP-R Residual Current Circuit Breaker 4P A type 30 mA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

F204 A-40/0.03 AP-R Datasheet(HTML) 2 Page - ABB

  F204 A-40/0.03 AP-R Datasheet HTML 1Page - ABB F204 A-40/0.03 AP-R Datasheet HTML 2Page - ABB F204 A-40/0.03 AP-R Datasheet HTML 3Page - ABB F204 A-40/0.03 AP-R Datasheet HTML 4Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical
IEC/EN 61008
UL 1053
Standards
A type
Type of Residual Current
230/400 V
Rated Voltage (Ur)
230 / 400 V AC
Rated Operational Voltage
500 V
Rated Insulation Voltage
(Ui)
4 kV
Rated Impulse Withstand
Voltage (Uimp)
AC
Input Voltage Type
40 A
Rated Current (In)
30 mA
Rated Residual Current
10 kA
Rated Conditional Short-
Circuit Current (Inc)
1 kA
Rated Service Short-
Circuit Breaking Capacity
(Ics)
3 kA
Maximum Surge Current
A
Leakage Current Type
50 … 60 Hz
Rated Frequency (f)
at Rated Operating Conditions per Pole 3.2 W
Power Loss
Arbitrary
Power Supply Connection
10000 cycle
Electrical Endurance
4
Number of Poles
Instantaneous (APR High Immunity)
Operating Characteristic
Right
Position of Neutral
Terminals
DIN-Rail
Mounting Type
None
Options Provided
Yes
Accessories Available
Busbar 10 mm²
Rigid 25 ... 25 mm²
Flexible 25 ... 25 mm²
Connecting Capacity
4 - Multi-Wired 0...25 mm²
1 - Solid-Core 25...25 mm²
Rated Cross-Section
Environmental
-25...55 °C
Ambient Temperature
Operation -25...55 °C
Ambient Air Temperature
IP2X
Degree of Protection
2
Pollution Degree
0.1 mm or 1 g - 20 cycles at 5…150…5 Hz
Resistance to Vibrations
acc. to IEC 60068-2-6
25g 2 shocks 13 ms
Resistance to Shock acc.
to IEC 60068-2-27
Following EU Directive 2011/65/EU and Amendment 2015/863 July 22, 2019
RoHS Status
9AKK106713A5602
RoHS Information
9AKK108467A9482
REACH Declaration
Refer to RoHS
Environmental Information
18f132b0-8f03-4611-9c59-dba03cc369bf Italy (IT)
SCIP
9AKK108468A3363
Conflict Minerals
Reporting Template
2
F204 A-40/0.03 AP-R
© 2023 ABB. All rights reserved.
Subject to change without notice
2023/08/08



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com