Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F204 A-40/0.03 AP-R Datasheet(PDF) 1 Page - ABB

Part # F204 A-40/0.03 AP-R
Description  F204 A-40/0.03 AP-R Residual Current Circuit Breaker 4P A type 30 mA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

F204 A-40/0.03 AP-R Datasheet(HTML) 1 Page - ABB

  F204 A-40/0.03 AP-R Datasheet HTML 1Page - ABB F204 A-40/0.03 AP-R Datasheet HTML 2Page - ABB F204 A-40/0.03 AP-R Datasheet HTML 3Page - ABB F204 A-40/0.03 AP-R Datasheet HTML 4Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
F204 A-40/0.03 AP-R Residual Current Circuit
Breaker 4P A type 30 mA
F204 A-40/0.03 AP-R
Extended Product Type
F204 A-40/0.03 AP-R
Product ID
2CSF204401R1400
EAN
8012542785507
Catalog Description
F204 A-40/0.03 AP-R Residual Current Circuit Breaker 4P A type 30 mA
Long Description
The RCCBs F200 series assures protection to people and installations against fault current
to earth. A large offer for standard instantaneous and selective AC and A types is completed
with some configurations for special applications. This product provides the best
compromise between safety and continuity in the service, thanks to the resistance to
unwanted trippings.
General Information
PRODUCT-DETAILS
Circular Value
Design for Closing Resource Loops - Standard EN45555 - 52,5 %
Circular Design Principles
Recyclability Rate
0 %
Sustainable Material
Content
9AKK108468A4361
End of Life Instructions
Eco Transparency
9AKK108467A3700
Environmental Product
Declaration - EPD
© 2023 ABB. All rights reserved.
Subject to change without notice
2023/08/08


Similar Part No. - F204 A-40/0.03 AP-R

ManufacturerPart #DatasheetDescription
logo
ABB
F204 A-100/0,3 ABB-F204 A-100/0,3 Datasheet
449Kb / 3P
F204 A-100/0,3 Residual Current Circuit Breaker
F204 A-100/0.03 110V ABB-F204 A-100/0.03 110V Datasheet
165Kb / 4P
F204 A-100/0.03 110V Residual Current Circuit Breaker 4P A type 30 mA
2023/08/08
More results

Similar Description - F204 A-40/0.03 AP-R

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
020137MR SUYIN-USA-020137MR Datasheet
112Kb / 1P
USB A TYPE R/A DIP TYPE
logo
SeCoS Halbleitertechnol...
SCS751G SECOS-SCS751G_11 Datasheet
175Kb / 2P
0.03 A , 40 V Schottky Barrier Rectifiers
logo
FCI connector
51915-072 FCI-CONNECTOR-51915-072 Datasheet
238Kb / 4P
4P 12S 4P R/A SOLDER RECEPTACLE
logo
STMicroelectronics
STD30NF04LT STMICROELECTRONICS-STD30NF04LT Datasheet
912Kb / 15P
N-channel 40 V, 0.03 typ., 30 A, STripFET II Power MOSFET in a DPAK package
23-Nov-2012
logo
PHOENIX CONTACT
2806223 PHOENIX-2806223 Datasheet
54Kb / 4P
Residual current converter for type B residual current monitor.
2806236 PHOENIX-2806236 Datasheet
54Kb / 4P
Residual current converter for type B residual current monitor.
2806249 PHOENIX-2806249 Datasheet
54Kb / 4P
Residual current converter for type B residual current monitor.
logo
Schneider Electric
56273 SCHNEIDER-56273 Datasheet
136Kb / 3P
residual current protection relay, Vigirex RH99P, 30 mA to 30 A, 220/240 VAC 50/60 Hz, front panel mounting
Dec 10, 2020
A9K24340 SCHNEIDER-A9K24340 Datasheet
79Kb / 2P
miniature circuit breaker - iK60N - 3P - 40 A - C curve
23-Feb-2021
logo
Weidmuller
2656270000 WEIDMULLER-2656270000 Datasheet
139Kb / 2P
Residual current transformer (RCM), Primary current: 18 A
November 4, 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com